Electronic Components Datasheet Search
  English  ▼

X  

HA-2602/883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-2602/883
Description  Wideband, High Impedance Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2602/883 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-2602/883 Datasheet HTML 1Page - Intersil Corporation HA-2602/883 Datasheet HTML 2Page - Intersil Corporation HA-2602/883 Datasheet HTML 3Page - Intersil Corporation HA-2602/883 Datasheet HTML 4Page - Intersil Corporation HA-2602/883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
HA-2602/883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Peak Output Current . . . . . . . . . . . . . . .Full Short Circuit Protection
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175
oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
Metal Can Package . . . . . . . . . . . . . . . . .
160oC/W
75oC/W
Package Power Dissipation Limit at +75oC for TJ ≤ +175
oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 625mW
Package Power Dissipation Derating Factor Above +75oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.3mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
Operating Conditions
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
VINCM ≤ 1/2 (V+ - V-)
RL ≥ 2kΩ
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RSOURCE = 100Ω, RLOAD = 500kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
HA-2602/883
UNITS
MIN
MAX
Input Offset
Voltage
VIO
VCM = 0V
1
+25oC-5
5
mV
2, 3
+125oC, -55oC-7
7
mV
Input Bias Current
+IB
VCM = 0V, +RS = 100kΩ, -RS = 100Ω
1+25oC
-25
25
nA
2, 3
+125oC, -55oC
-60
60
nA
-IB
VCM = 0V, +RS = 100Ω, -RS = 100kΩ
1+25oC
-25
25
nA
2, 3
+125oC, -55oC
-60
60
nA
Input Offset
Current
IIO
VCM = 0V, +RS = 100kΩ, -RS = 100kΩ
1+25oC
-25
25
nA
2, 3
+125oC, -55oC
-60
60
nA
Common Mode
Range
+CMR
V+ = +4V, V- = -26V
1
+25oC11
-
V
2, 3
+125oC, -55oC11
-
V
-CMR
V+ = +26V, V- = -4V
1
+25oC-
-11
V
2, 3
+125oC, -55oC-
-11
V
Large Signal
Voltage Gain
+AVOL
VOUT = 0V and +10V, RL = 2kΩ
4+25oC80
-
kV/V
5, 6
+125oC, -55oC60
-
kV/V
-AVOL
VOUT = 0V and -10V, RL = 2kΩ
4+25oC80
-
kV/V
5, 6
+125oC, -55oC60
-
kV/V
Common Mode
Rejection Ratio
+CMRR
∆V
CM = +10V, V+ = +5V, V- = -25V,
VOUT = -10V
1+25oC74
-
dB
2, 3
+125oC, -55oC74
-
dB
-CMRR
∆V
CM = -10V, V+ = +25V, V- = -5V,
VOUT = +10V
1+25oC74
-
dB
2, 3
+125oC, -55oC74
-
dB
Output Voltage
Swing
+VOUT
RL = 2kΩ
4+25oC10
-
V
5, 6
+125oC, -55oC10
-
V
-VOUT
RL = 2kΩ
4+25oC-
-10
V
5, 6
+125oC, -55oC-
-10
V
Spec Number
511005-883



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com