Electronic Components Datasheet Search
  English  ▼

X  

0805056 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805056
Description  FK-MCP 1,5/ 3-ST-3,81
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805056 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805056 Datasheet HTML 1Page - PHOENIX CONTACT 0805056 Datasheet HTML 2Page - PHOENIX CONTACT 0805056 Datasheet HTML 3Page - PHOENIX CONTACT 0805056 Datasheet HTML 4Page - PHOENIX CONTACT 0805056 Datasheet HTML 5Page - PHOENIX CONTACT 0805056 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Mar 11, 2010
Extract from the online
catalog
 
FK-MCP 1,5/ 3-ST-3,81
Order No.: 1851054
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1851054
 
 
Plug component, Nominal current: 8 A, Nom. voltage: 160 V, Pitch:
3.81 mm, Number of positions: 3, Connection type: Spring-cage conn.,
Color: green
 
Commercial data
EAN
4017918109950
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.003072 KG
Catalog page information
Page 150 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
3.81 mm
Dimension a
7.62 mm
Number of positions
3


Similar Part No. - 0805056

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805056 PHOENIX-0805056 Datasheet
51Kb / 2P
Marker cards - SK 3.81/2.8: SO (CUSTOM PRTNG)
0805056 PHOENIX-0805056 Datasheet
149Kb / 6P
FRONT 1,5-V-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 2-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 3-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 4-3,81
More results

Similar Description - 0805056

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1851232 PHOENIX-1851232 Datasheet
146Kb / 5P
FK-MCP 1,5/ 2-STF-3,81
1851067 PHOENIX-1851067 Datasheet
149Kb / 6P
FK-MCP 1,5/ 4-ST-3,81
1851083 PHOENIX-1851083 Datasheet
149Kb / 6P
FK-MCP 1,5/ 6-ST-3,81
1851106 PHOENIX-1851106 Datasheet
149Kb / 6P
FK-MCP 1,5/ 8-ST-3,81
1851122 PHOENIX-1851122 Datasheet
149Kb / 6P
FK-MCP 1,5/10-ST-3,81
1851203 PHOENIX-1851203 Datasheet
92Kb / 6P
Printed-circuit board connector - FK-MCP 1,5/18-ST-3,81
1851193 PHOENIX-1851193 Datasheet
146Kb / 5P
FK-MCP 1,5/17-ST-3,81
1851216 PHOENIX-1851216 Datasheet
146Kb / 5P
FK-MCP 1,5/19-ST-3,81
1800271 PHOENIX-1800271 Datasheet
66Kb / 4P
Printed-circuit board connector - FK-MCP 1,5/ 3-ST-3,81 BK
1817437 PHOENIX-1817437 Datasheet
114Kb / 7P
Printed-circuit board connector - FK-MCP 1,5/ 3-ST-3,81-LR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com