Electronic Components Datasheet Search
  English  ▼

X  

LND01 Datasheet(PDF) 7 Page - Microchip Technology

Part # LND01
Description  Lateral N-Channel Depletion-Mode MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LND01 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LND01 Datasheet HTML 3Page - Microchip Technology LND01 Datasheet HTML 4Page - Microchip Technology LND01 Datasheet HTML 5Page - Microchip Technology LND01 Datasheet HTML 6Page - Microchip Technology LND01 Datasheet HTML 7Page - Microchip Technology LND01 Datasheet HTML 8Page - Microchip Technology LND01 Datasheet HTML 9Page - Microchip Technology LND01 Datasheet HTML 10Page - Microchip Technology LND01 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5-Lead SOT-23 Package Outline (K1)
2.90x1.60mm body, 1.45mm height (max), 0.95mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
e1
L
L1
L2
Dimension
(mm)
MIN
0.90*
0.00
0.90
0.30
2.75*
2.60*
1.45*
0.95
BSC
1.90
BSC
0.30
0.60
REF
0.25
BSC
0O
5O
NOM
-
-
1.15
-
2.90
2.80
1.60
0.45
4O
10O
MAX
1.45
0.15
1.30
0.50
3.05*
3.00*
1.75*
0.60
8O
15O
JEDEC Registration MO-178, Variation AA, Issue C, Feb. 2000.
Drawings not to scale.
1
5
D
Seating
Plane
Gauge
Plane
L
L1
L2
Top View
Side View
View A - A
View B
View B
θ1
θ
E1 E
A
A2
A1
A
A
Seating
Plane
e
b
Note 1
(Index Area
D/2 x E1/2)
e1
Note:
1.
a printed indicator.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
 2017 Microchip Technology Inc.
DS20005696A-page 7
LND01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com