Electronic Components Datasheet Search
  English  ▼

X  

HA2-5142/883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA2-5142/883
Description  Dual, Ultra Low Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-5142/883 Datasheet(HTML) 2 Page - Intersil Corporation

  HA2-5142/883 Datasheet HTML 1Page - Intersil Corporation HA2-5142/883 Datasheet HTML 2Page - Intersil Corporation HA2-5142/883 Datasheet HTML 3Page - Intersil Corporation HA2-5142/883 Datasheet HTML 4Page - Intersil Corporation HA2-5142/883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
150
Specifications HA-5142/883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Voltage at Either Input Terminal. . . . . . . . . . . . . . . . . . . . . . V+ to V-
Output Current . . . . . . . . . . . . . . . . . . . .Full Short Circuit Protection
Output Current Duration . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
One Amplifier Shorted to Ground
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θJA
θJC
CerDIP Package . . . . . . . . . . . . . . . . . . .
115oC/W
28oC/W
Ceramic LCC Package . . . . . . . . . . . . . .
65oC/W
15oC/W
Metal Can Package . . . . . . . . . . . . . . . . .
155oC/W
67oC/W
Package Power Dissipation Limit at +75oC for TJ ≤ +175oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 870mW
Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.54W
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 645mW
Package Power Dissipation Derating Factor Above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC
Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . ±1.5V to ±15V
or 3V to 30V
VINCM ≤ 1/2 (V+ - V-)
RL ≥ 50kΩ
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: RSOURCE = 100Ω, RLOAD = 500kΩ, VOUT = 0V, Unless Otherwise Specified.
Subscript 1 Refers to Supply Voltages (V
±) = ±15V, Subscript 2 Refers to V+ = 5.0, V- = 0V
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO1
VCM = 0V
1
+25oC-6
6
µV
2, 3
+125oC, -55oC-8
8
µV
VIO2
VCM = 0V,
VOUT = 1.4V
1+25oC-6
6
µV
2, 3
+125oC, -55oC-8
8
µV
Input Bias Current
+IB1
VCM = 0V,
+RS = 10kΩ,
-RS = 100Ω
1+25oC
-100
100
nA
2, 3
+125oC, -55oC
-125
125
nA
-IB1
VCM = 0V,
+RS = 100Ω,
-RS = 10kΩ
1+25oC
-100
100
nA
2, 3
+125oC, -55oC
-125
125
nA
+IB2
VCM = 0V, VOUT =
1.4V,
+RS = 10kΩ,
-RS = 100Ω
1+25oC
-100
100
nA
2, 3
+125oC, -55oC
-125
125
nA
-IB2
VCM = 0V, VOUT =
1.4V,
+RS = 100Ω,
-RS = 10kΩ
1+25oC
-100
100
nA
2, 3
+125oC, -55oC
-125
125
nA
Input Offset Current
IIO1
VCM = 0V,
+RS = 10kΩ,
-RS = 10kΩ
1+25oC
-10
10
nA
2, 3
+125oC, -55oC
-20
20
nA
IIO2
VCM = 0V, VOUT =
1.4V
+RS = 10kΩ,
-RS = 10kΩ
1+25oC
-10
10
nA
2, 3
+125oC, -55oC
-20
20
nA
Spec Number
511035-883



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com