Electronic Components Datasheet Search
  English  ▼

X  

HIP4084 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP4084
Description  80V, 0.50A Four Phase Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4084 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP4084 Datasheet HTML 1Page - Intersil Corporation HIP4084 Datasheet HTML 2Page - Intersil Corporation HIP4084 Datasheet HTML 3Page - Intersil Corporation HIP4084 Datasheet HTML 4Page - Intersil Corporation HIP4084 Datasheet HTML 5Page - Intersil Corporation HIP4084 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
PRELIMINARY
February 1998
HIP4084
80V, 0.50A Four Phase Driver
Features
• Independently Drives 8 N-Channel MOSFETs in Either
Four Phase Bridge Configuration or Dual H-Bridge
Configuration
• 1.25A Peak Turn-Off Current
• Bootstrap Supply Max Voltage to 95VDC
• Bias Supply Operation from 7V to 15V
• User-Programmable Dead Time (0.25
µs to 4.5µs)
• Charge-Pump and Bootstrap Maintain Upper Bias
Supplies
• Drives 1000pF Load with Typical Rise Time of 20ns
and Fall Time of 10ns
•EN (Disable) Overrides Input Control
• Input Logic Thresholds Compatible with 3V to 15V
Logic Levels
• Dead Time Disable Capability
• Programmable Undervoltage Set Point
Applications
• Brushless Motors
• AC Motor Drives
• Stepper Motors
• Switched Reluctance Motor Drives
Description
The HIP4084 is a Four Phase Bridge N-Channel MOSFET
driver IC.
Specifically targeted for PWM and stepper motor control
applications, the HIP4084 makes bridge based designs sim-
ple and flexible. With operation up to 80V and undervoltage
detection, the device is best suited to applications of moder-
ate power levels.
Like the HIP4081, the HIP4084 has a flexible input protocol
for driving every possible switch combination. Like the
HIP4082, the HIP4084 provides a typical drive currents of
0.5A and a programmable dead time from 0.25
µs to 4.5µs.
Like the HIP4086, the HIP4084 allows override of shoot-
through protection for switched reluctance applications. The
HIP4084 is suitable for applications requiring DC to 100kHz.
Unlike other HIP4080 family products, the HIP4084 pro-
vides, from a single pin, a programmable undervoltage set
point and an enable/disable function.
Pinout
HIP4084
(PDIP, SOIC)
TOP VIEW
Application Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP4084AB
-40 to 105
28 Ld SOIC
M28.3
HIP4084AP
-40 to 105
28 Ld PDIP
E28.6
For additional information contact Ivars Lauzums at (407) 729-5531.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AHB
AHI
ALI
CLO
AHO
VDD
BLI
CHI
CLI
UVLO/EN
CHB
BLO
CHO
CHS
BHB
BHI
BHO
BHS
DHI
DLI
DLO
DHB
DHO
DHS
ALO
RDEL
AHS
VSS
HIP4084
12V
80V
GND
GND
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
File Number
4222.1
NOT
REC
OMM
END
ED F
OR N
EW D
ESIG
NS
See
HIP4
082
or co
ntac
t our
Tech
nica
l Sup
port
Cent
er at
1-88
8-INT
ERS
IL or
www
.inte
rsil.c
om/t
sc


Similar Part No. - HIP4084

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080 INTERSIL-HIP4080 Datasheet
761Kb / 21P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080 RENESAS-HIP4080 Datasheet
1Mb / 21P
80V/2.5A Peak, High FrequencyFull Bridge FET Driver
February, 2003
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4080A INTERSIL-HIP4080A Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
More results

Similar Description - HIP4084

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
80V, 0.5A Three Phase Driver
1999 05
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
HIP4086ABZT INTERSIL-HIP4086ABZT Datasheet
475Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
February 1, 2013
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
80V, 500mA, 3-Phase MOSFET Driver
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com