Electronic Components Datasheet Search
  English  ▼

X  

HIP4084AB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP4084AB
Description  80V, 0.50A Four Phase Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4084AB Datasheet(HTML) 2 Page - Intersil Corporation

  HIP4084AB Datasheet HTML 1Page - Intersil Corporation HIP4084AB Datasheet HTML 2Page - Intersil Corporation HIP4084AB Datasheet HTML 3Page - Intersil Corporation HIP4084AB Datasheet HTML 4Page - Intersil Corporation HIP4084AB Datasheet HTML 5Page - Intersil Corporation HIP4084AB Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TRUTH TABLE
INPUT
OUTPUT
ALI, BLI, CLI, DLI
AHI, BHI, CHI, DHI
UVLO/EN
RDEL
ALO, BLO,
CLO, DLO
AHO, BHO,
CHO, DHO
XX
0
X
0
0
1
X
1
>100mV
1
0
00
1
X
0
1
01
1
X
0
0
1
0
1
<100mV
1
1
NOTE: X signifies that input can be either a “1” or “0”.
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
2
27
17
14
AHB
BHB
CHB
DHB
(xHB)
High-side Bootstrap supplies. One external bootstrap diode and one capacitor are required for each. Connect
cathode of bootstrap diode and positive side of bootstrap capacitor to each xHB pin.
3
5
10
12
AHI
BHI
CHI
DHI
(xHI)
High-Side Logic Level Inputs. Logic at these three pins controls the three high-side output drivers, AHO (Pin 1),
BHO (Pin 26) and CHO (Pin 18) and DHO (Pin 15). When xHI is low, xHO is high. When xHI is high, xHO is low.
Unless the dead time is disabled by connecting RDEL (Pin 8) to ground, the low side input of each phase will
override the corresponding high side input on that phase. If RDEL is tied to ground, dead time is disabled and
the outputs follow the inputs. Care must be taken to avoid shoot-through in this application. EN (Pin 9) also over-
rides the high side inputs. xHI can be driven by signal levels of 0V to 15V (no greater than VDD). An internal
100
µA pull-up to VDD will hold each xHI high if the pins are not driven.
4
6
11
13
ALI
BLI
CLI
DLI
(xLI)
Low-Side Logic Level Inputs. Logic at these three pins controls the three low-side output drivers ALO (Pin 24),
BLO (Pin 23) and CLO (Pin 21) and DLO (Pin 20). If the upper inputs are grounded then the lower inputs controls
both xLO and xHO drivers, with the dead time set by the resistor at RDEL (Pin 8). EN (Pin 9) high level input
overrides xLI, forcing all outputs low. xLI can be driven by signal levels of 0V to 15V (no greater than VDD). An
internal 100
µA pull-up to VDD will hold xLI high if these pins are not driven.
7VSS
Ground. Connect the sources of the low-side power MOSFETs to this pin.
8RDEL
Dead Time Setting. Connect resistor from this pin to VDD to set timing current that defines the dead time be-
tween drivers. All drivers turn-off with no adjustable delay, so the RDEL resistor guarantees no shoot-through by
delaying the turn-on of all drivers. When RDEL is tied to VSS, both upper and lowers can be commanded on
simultaneously. While not necessary in most applications, a decoupling capacitor of 0.1
µF or smaller may be
connected between RDEL and VSS.
9
RUV/EN
A resistor can be connected between this pin and VSS to program the under voltage set point. With this pin not
connected the undervoltage setpoint is typically 6.6V. When this pin is tied to VDD, the undervoltage setpoint is
typically 6.2V. With this pin tied to VSS, all six outputs are taken low, overriding all other inputs.
1
26
18
15
AHO
BHO
CHO
DHO
(xHO)
High-Side Outputs. Connect the gates of the high-side power MOSFETs to these pins.
28
25
19
16
AHS
BHS
CHS
DHS
(xHS)
High-Side Source connection. Connect the sources of the high-side power MOSFETs to these pins. The nega-
tive side of the bootstrap capacitors should also be connected to these pins.
22
VDD
Positive supply. De-couple this pin to VSS (Pin 7).
24
23
21
20
ALO
BLO
CLO
DLO
(xLO)
Low-Side Outputs. Connect the gates of the low-side power MOSFETs to these pins.
NOTE: x = A, B, C and D
HIP4084



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com