Electronic Components Datasheet Search
  English  ▼

X  

DLP4710LCFQL Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710LCFQL
Description  DLP4710LC 0.47 1080p DMD
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710LCFQL Datasheet(HTML) 4 Page - Texas Instruments

  DLP4710LCFQL Datasheet HTML 1Page - Texas Instruments DLP4710LCFQL Datasheet HTML 2Page - Texas Instruments DLP4710LCFQL Datasheet HTML 3Page - Texas Instruments DLP4710LCFQL Datasheet HTML 4Page - Texas Instruments DLP4710LCFQL Datasheet HTML 5Page - Texas Instruments DLP4710LCFQL Datasheet HTML 6Page - Texas Instruments DLP4710LCFQL Datasheet HTML 7Page - Texas Instruments DLP4710LCFQL Datasheet HTML 8Page - Texas Instruments DLP4710LCFQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
DLP4710LC
DLPS178 – MAY 2020
www.ti.com
Product Folder Links: DLP4710LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Pin Functions – Connector Pins(1) (continued)
PIN
TYPE
SIGNAL
DATA RATE
DESCRIPTION
PACKAGE NET
LENGTH(2) (mm)
NAME
NO.
(3)
The following power supplies are all required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, VRESET. All VSS connections are
also required.
D_AP(4)
J6
I
SubLVDS
Double
Data, Positive
3.23
D_AP(5)
L6
I
SubLVDS
Double
Data, Positive
3.87
D_AP(6)
G6
I
SubLVDS
Double
Data, Positive
6.32
D_AP(7)
L4
I
SubLVDS
Double
Data, Positive
1.84
D_BN(0)
G27
I
SubLVDS
Double
Data, Negative
2.51
D_BN(1)
E26
I
SubLVDS
Double
Data, Negative
4.43
D_BN(2)
D28
I
SubLVDS
Double
Data, Negative
2.76
D_BN(3)
D26
I
SubLVDS
Double
Data, Negative
5.47
D_BN(4)
L25
I
SubLVDS
Double
Data, Negative
4.85
D_BN(5)
K25
I
SubLVDS
Double
Data, Negative
4.10
D_BN(6)
L28
I
SubLVDS
Double
Data, Negative
2.53
D_BN(7)
K27
I
SubLVDS
Double
Data, Negative
2.76
D_BP(0)
F27
I
SubLVDS
Double
Data, Positive
2.51
D_BP(1)
E27
I
SubLVDS
Double
Data, Positive
4.43
D_BP(2)
D27
I
SubLVDS
Double
Data, Positive
2.76
D_BP(3)
D25
I
SubLVDS
Double
Data, Positive
5.47
D_BP(4)
L26
I
SubLVDS
Double
Data, Positive
4.85
D_BP(5)
J25
I
SubLVDS
Double
Data, Positive
4.10
D_BP(6)
K28
I
SubLVDS
Double
Data, Positive
2.53
D_BP(7)
J27
I
SubLVDS
Double
Data, Positive
2.76
DCLK_AN
J3
I
SubLVDS
Double
Clock, Negative
3.77
DCLK_AP
K3
I
SubLVDS
Double
Clock, Positive
3.77
DCLK_BN
H26
I
SubLVDS
Double
Clock, Negative
2.98
DCLK_BP
H27
I
SubLVDS
Double
Clock, Positive
2.98
CONTROL INPUTS
LS_WDATA
D3
I
LPSDR(1)
Single
Write data for low speed interface.
1.20
LS_CLK
C3
I
LPSDR
Single
Clock for low-speed interface
1.20
DMD_DEN_ARSTZ
B6
I
LPSDR
Asynchronous reset DMD signal. A
low signal places the DMD in reset. A
high signal releases the DMD from
reset and places it in active mode.
4.19
LS_RDATA_A
C6
O
LPSDR
Single
Read data for low-speed interface
3.93
LS_RDATA_B
C4
O
LPSDR
Single
Read data for low-speed interface
2.57
POWER(3)
VBIAS
B27
Power
Supply voltage for positive bias level
at micromirrors
24.51
VBIAS
B4
Power
24.51
VOFFSET
B2
Power
Supply voltage for HVCMOS core
logic. Supply voltage for stepped high
level at micromirror address
electrodes.
Supply voltage for offset level at
micromirrors.
49.56
VOFFSET
C29
Power
49.56
VRESET
B28
Power
Supply voltage for negative reset level
at micromirrors.
24.82
VRESET
B3
Power
24.82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com