Electronic Components Datasheet Search
  English  ▼

X  

HIP5500IB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP5500IB
Description  High Voltage IC Half Bridge Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5500IB Datasheet(HTML) 2 Page - Intersil Corporation

  HIP5500IB Datasheet HTML 1Page - Intersil Corporation HIP5500IB Datasheet HTML 2Page - Intersil Corporation HIP5500IB Datasheet HTML 3Page - Intersil Corporation HIP5500IB Datasheet HTML 4Page - Intersil Corporation HIP5500IB Datasheet HTML 5Page - Intersil Corporation HIP5500IB Datasheet HTML 6Page - Intersil Corporation HIP5500IB Datasheet HTML 7Page - Intersil Corporation HIP5500IB Datasheet HTML 8Page - Intersil Corporation HIP5500IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Typical Application Block Diagram
Functional Block Diagram
+
500VDC
OSC
EN
SD
DIS
FLT
CT
15VDC
+
TO
BUFFERED
FETs
VCC
RT
TO
BUFFERED
FETs
SS
VB
HO
HO
LO
LO
VS
GND
HO
HO
LO
LO
BUFFERED
FETs
POWER
TRANSFORMER
+
LOAD
-
NOR
LATCH
VCC
OSCILLATOR
DFF
DQ
QN
CK
UV
VCC
BUFFER
UPPER
DRIVE
LOWER
DRIVE
LEVEL
SHIFT
UV
VCC
VB
VS
VCC
VB
HO
HO
VS
LO
LO
GND
VCC
VCC
FLT
SD
OSC
RT
CT
DIS
SS
CURRENT
SOURCE
VCC
EN
HIP5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com