Electronic Components Datasheet Search
  English  ▼

X  

1736713 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1736713
Description  FKC 2,5/ 4-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1736713 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1736713 Datasheet HTML 1Page - PHOENIX CONTACT 1736713 Datasheet HTML 2Page - PHOENIX CONTACT 1736713 Datasheet HTML 3Page - PHOENIX CONTACT 1736713 Datasheet HTML 4Page - PHOENIX CONTACT 1736713 Datasheet HTML 5Page - PHOENIX CONTACT 1736713 Datasheet HTML 6Page - PHOENIX CONTACT 1736713 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 7
http://www.phoenixcontact.de
Mar 11, 2010
Extract from the online
catalog
 
FKC 2,5/ 4-ST-5,08
Order No.: 1873074
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1873074
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 4, Connection type: Spring-cage conn.,
Color: green
 
Commercial data
EAN
4017918142469
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.007433 KG
Catalog page information
Page 210 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
15.24 mm
Number of positions
4


Similar Part No. - 1736713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1736713 PHOENIX-1736713 Datasheet
185Kb / 6P
MDSTB 2,5/ 4-G1-5,08
1736713 PHOENIX-1736713 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1736713 PHOENIX-1736713 Datasheet
176Kb / 7P
MVSTBR 2,5/ 4-ST-5,08
1736713 PHOENIX-1736713 Datasheet
156Kb / 7P
MVSTBW 2,5/ 4-ST-5,08
1736713 PHOENIX-1736713 Datasheet
161Kb / 6P
ICV 2,5/ 4-G-5,08
More results

Similar Description - 1736713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873061 PHOENIX-1873061 Datasheet
143Kb / 7P
FKC 2,5/ 3-ST-5,08
1873100 PHOENIX-1873100 Datasheet
142Kb / 7P
FKC 2,5/ 7-ST-5,08
1873126 PHOENIX-1873126 Datasheet
141Kb / 7P
FKC 2,5/ 9-ST-5,08
1942471 PHOENIX-1942471 Datasheet
155Kb / 5P
FKC 2,5 HC/12-ST-5,08
1796128 PHOENIX-1796128 Datasheet
59Kb / 3P
Printed-circuit board connector - FKC 2,5/ 4-ST-5,08-RFEX
1800480 PHOENIX-1800480 Datasheet
57Kb / 4P
Printed-circuit board connector - FKC 2,5/ 4-ST-5,08 BK
1741746 PHOENIX-1741746 Datasheet
91Kb / 3P
FKC 2,5/ 5-ST-5,08 BD:1-5
11/04/2018
1792533 PHOENIX-1792533 Datasheet
101Kb / 7P
Printed-circuit board connector - FKC 2,5/ 4-ST-5,08-LR
09/12/2020
1925702 PHOENIX-1925702 Datasheet
744Kb / 18P
PCB connector - FKC 2,5/ 3-ST-5,08-RF
1925715 PHOENIX-1925715 Datasheet
732Kb / 18P
PCB connector - FKC 2,5/ 4-ST-5,08-RF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com