Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS08 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS08
Description  SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS08 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HCS08 Datasheet HTML 5Page - Texas Instruments SN74HCS08 Datasheet HTML 6Page - Texas Instruments SN74HCS08 Datasheet HTML 7Page - Texas Instruments SN74HCS08 Datasheet HTML 8Page - Texas Instruments SN74HCS08 Datasheet HTML 9Page - Texas Instruments SN74HCS08 Datasheet HTML 10Page - Texas Instruments SN74HCS08 Datasheet HTML 11Page - Texas Instruments SN74HCS08 Datasheet HTML 12Page - Texas Instruments SN74HCS08 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
OC
PG
ON/OFF
RESET
Power Supply
Motor Controller
On/Off Switch
Over
Temp
Detection
Over Current
Detection
OT
9
SN74HCS08
www.ti.com
SCLS778A – DECEMBER 2019 – REVISED MAY 2020
Product Folder Links: SN74HCS08
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
In this application, three 2-input AND gates are combined to produce a 4-input AND gate function as shown in
Figure 9. The fourth gate can be used for another application in the system, or the inputs can be grounded and
the channel left unused.
The SN74HCS08 is used to directly control the RESET pin of a motor controller. The controller requires four
input signals to all be HIGH before being enabled, and should be disabled in the event that any one signal goes
LOW. The 4-input AND gate function combines the four individual reset signals into a single active-low reset
signal.
Many power good signals utilize open-drain outputs which can produce slow input transition rates when they
transition from LOW to Hi-Z mode. This makes the SN74HCS08 ideal for the application because it has Schmitt-
trigger inputs that do not have input transition rate requirements.
9.2 Typical Application
Figure 9. Typical application block diagram
9.2.1 Design Requirements
•
All signals in the system operate at 5 V
•
The motor controller should be disabled if any of these conditions apply:
–
Power Supply is not ready (PG)
–
Excessive current is detected (OC)
–
Excessive temperature is detected (OT)
–
The power switch is in the OFF position (ON/OFF)
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The supply must be capable of sourcing current equal to the total current to be sourced by all outputs of the
SN74HCS08 plus the maximum supply current, ICC, listed in the Electrical Characteristics. The logic device can
only source or sink as much current as it is provided at the supply and ground pins, respectively. Be sure not to
exceed the maximum total current through GND or VCC listed in the Absolute Maximum Ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com