Electronic Components Datasheet Search
  English  ▼

X  

0804853 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804853
Description  FK-MC 0,5/ 2-ST-2,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804853 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804853 Datasheet HTML 1Page - PHOENIX CONTACT 0804853 Datasheet HTML 2Page - PHOENIX CONTACT 0804853 Datasheet HTML 3Page - PHOENIX CONTACT 0804853 Datasheet HTML 4Page - PHOENIX CONTACT 0804853 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FK-MC 0,5/ 2-ST-2,5 Order No.: 1881325
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1881325
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Mar 11, 2010
Technical data
Insulating material group
I
Rated surge voltage (III/3)
1.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE
Nominal current IN
4 A
Nominal voltage UN
100 V
Nominal cross section
0.5 mm²
Maximum load current
4 A (with 0.5 mm2 conductor cross section)
Insulating material
PA
Inflammability class acc. to UL 94
V0
Stripping length
8 mm
Connection data
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
0.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
0.5 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
0.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
20
Certificates / Approvals
Certification
CB, CUL, GOST, UL, VDE-PZI
CUL
Nominal voltage UN
125 V
Nominal current IN
4 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com