Electronic Components Datasheet Search
  English  ▼

X  

THVD8000DDFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THVD8000DDFR
Description  THVD8000 RS-485 Transceiver with OOK Modulation for Power Line Communication
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD8000DDFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THVD8000DDFR Datasheet HTML 3Page - Texas Instruments THVD8000DDFR Datasheet HTML 4Page - Texas Instruments THVD8000DDFR Datasheet HTML 5Page - Texas Instruments THVD8000DDFR Datasheet HTML 6Page - Texas Instruments THVD8000DDFR Datasheet HTML 7Page - Texas Instruments THVD8000DDFR Datasheet HTML 8Page - Texas Instruments THVD8000DDFR Datasheet HTML 9Page - Texas Instruments THVD8000DDFR Datasheet HTML 10Page - Texas Instruments THVD8000DDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
THVD8000
www.ti.com
SLLSFD6 – MAY 2020
Product Folder Links: THVD8000
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.7 Power Dissipation Characteristics
over operating free-air temperature range (unless otherwise noted). All typical values are at 25°C and supply voltage of VCC =
5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PDOO
K
Chip power dissipation in OOK mode
MODE = VCC, RL =
60
Ω, no CL, see
Figure 2
f0 = 125 kHz, 12.5 kHz
(25 kbps) clock pattern
as data
70
80
mW
f0 = 125 kHz, 500 kHz
(1Mbps) clock pattern as
data
100
125
mW
6.8 Switching Characteristics
over operating free-air temperature range (unless otherwise noted). All typical values are at 25°C and supply voltage of VCC =
5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver
tr, tf
Driver differential output rise and fall times
OOK mode
RL = 60 Ω, CL = 50 pF,
See
17
30
ns
tPHL, tPLH
Driver propagation delay
4
6
Clocks
tSK(P)
Driver pulse skew, |tPHL – tPLH|
-3
1
2.5
Clocks
Receiver
tr, tf
Receiver output rise and fall times
OOK mode
CL = 15 pF,
See Figure 6
10
16
ns
tPHL, tPLH
Receiver propagation delay time
3
6
Clocks
tSK(P)
Receiver pulse skew, |tPHL – tPLH|
0.4
2.5
Device
tTX-RX_OOK
Transmit to receive mode change delay,
OOK mode
For all RFSET
Worst case of tTX-
RX_OOK_ZERO and tTX-
RX_OOK_ONE.
See Figure 7
and Figure 8
14
clocks
tRX-TX_OOK
Receive to transmit mode change delay,
OOK mode
For all RFSET
See Figure 9
12
clocks
tTX_TIMEOU
T
Transmit timeout delay
OOK mode
60
120
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com