Electronic Components Datasheet Search
  English  ▼

X  

0804853 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804853
Description  MC 0,5/ 4-G-2,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804853 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804853 Datasheet HTML 1Page - PHOENIX CONTACT 0804853 Datasheet HTML 2Page - PHOENIX CONTACT 0804853 Datasheet HTML 3Page - PHOENIX CONTACT 0804853 Datasheet HTML 4Page - PHOENIX CONTACT 0804853 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Mar 11, 2010
Extract from the online
catalog
 
MC 0,5/ 4-G-2,5
Order No.: 1881464
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1881464
 
 
Header, Nominal current: 4 A, Nom. voltage: 80 V, Pitch: 2.5 mm,
Number of positions: 4, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918156701
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.001094 KG
Catalog page information
Page 140 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
10.1 mm
Height
8.1 mm
Pitch
2.5 mm
Dimension a
7.5 mm
Number of positions
4


Similar Part No. - 0804853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804853 PHOENIX-0804853 Datasheet
133Kb / 5P
FFKDS/V-2,54
0804853 PHOENIX-0804853 Datasheet
143Kb / 5P
FFKDS/H-2,54
0804853 PHOENIX-0804853 Datasheet
162Kb / 5P
FK-MC 0,5/ 2-ST-2,5
0804853 PHOENIX-0804853 Datasheet
163Kb / 5P
FK-MC 0,5/ 3-ST-2,5
0804853 PHOENIX-0804853 Datasheet
163Kb / 5P
FK-MC 0,5/ 4-ST-2,5
More results

Similar Description - 0804853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1881448 PHOENIX-1881448 Datasheet
167Kb / 5P
MC 0,5/ 2-G-2,5
1881451 PHOENIX-1881451 Datasheet
167Kb / 5P
MC 0,5/ 3-G-2,5
1881477 PHOENIX-1881477 Datasheet
167Kb / 5P
MC 0,5/ 5-G-2,5
1881480 PHOENIX-1881480 Datasheet
167Kb / 5P
MC 0,5/ 6-G-2,5
1881493 PHOENIX-1881493 Datasheet
167Kb / 5P
MC 0,5/ 7-G-2,5
1881503 PHOENIX-1881503 Datasheet
167Kb / 5P
MC 0,5/ 8-G-2,5
1881529 PHOENIX-1881529 Datasheet
167Kb / 5P
MC 0,5/10-G-2,5
1881545 PHOENIX-1881545 Datasheet
167Kb / 5P
MC 0,5/12-G-2,5
1963447 PHOENIX-1963447 Datasheet
151Kb / 8P
Printed-circuit board connector - MC 0,5/ 4-G-2,5 THT
1881532 PHOENIX-1881532 Datasheet
167Kb / 5P
MC 0,5/11-G-2,5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com