Electronic Components Datasheet Search
  English  ▼

X  

1902136 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1902136
Description  Printed-circuit board connector - FKCT 2,5/ 4-ST-5,08
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1902136 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1902136 Datasheet HTML 1Page - PHOENIX CONTACT 1902136 Datasheet HTML 2Page - PHOENIX CONTACT 1902136 Datasheet HTML 3Page - PHOENIX CONTACT 1902136 Datasheet HTML 4Page - PHOENIX CONTACT 1902136 Datasheet HTML 5Page - PHOENIX CONTACT 1902136 Datasheet HTML 6Page - PHOENIX CONTACT 1902136 Datasheet HTML 7Page - PHOENIX CONTACT 1902136 Datasheet HTML 8Page - PHOENIX CONTACT 1902136 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
https://www.phoenixcontact.com/pi/products/1902136
04/01/2020   Page 1 / 21
Printed-circuit board connector - FKCT 2,5/ 4-ST-5,08 - 1902136
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 4, pitch: 5.08 mm, connection method: Push-in spring connection, color: green, contact surface: Tin
The figure shows a 4-pos. version
of the product
Your advantages
 Time saving push-in connection, tools not required
 Defined contact force ensures that contact remains stable over the long term
 Intuitive use through colour coded actuation lever
 Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
 Optimized for tight installation situations: operation and conductor connection from one direction
Key Commercial Data
Packing unit
100 pc
GTIN
GTIN
4017918187286
Technical data
Item properties
Brief article description
Printed-circuit board connector
Plug-in system
CLASSIC COMBICON
Type of contact
Female connector
Range of articles
FKCT 2,5/..-ST
Pitch
5.08 mm
Number of positions
4
Connection method
Push-in spring connection
Locking
without
Number of levels
1
Number of connections
4


Similar Part No. - 1902136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1902136 PHOENIX-1902136 Datasheet
185Kb / 6P
MDSTB 2,5/ 4-G1-5,08
1902136 PHOENIX-1902136 Datasheet
150Kb / 6P
MSTBV 2,5/ 4-G-5,08
1902136 PHOENIX-1902136 Datasheet
150Kb / 6P
MSTB 2,5/ 4-G-5,08
1902136 PHOENIX-1902136 Datasheet
146Kb / 7P
IC 2,5/ 4-ST-5,08
1902136 PHOENIX-1902136 Datasheet
148Kb / 6P
MSTB 2,5/ 4-G-5,08-LA
More results

Similar Description - 1902136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700342 PHOENIX-1700342 Datasheet
51Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 4-ST BU
1751655 PHOENIX-1751655 Datasheet
59Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 5-ST GY7035
1751671 PHOENIX-1751671 Datasheet
59Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 7-ST GY7035
1917286 PHOENIX-1917286 Datasheet
57Kb / 4P
Printed-circuit board connector - FKCT 2,5/20-ST-5,08 BD:1-20Q
1950492 PHOENIX-1950492 Datasheet
66Kb / 5P
Printed-circuit board connector - FKCT 2,5/ 5-ST-5,08 AU
1965830 PHOENIX-1965830 Datasheet
59Kb / 5P
Printed-circuit board connector - FKCT 2,5/ 4-ST BK
1737255 PHOENIX-1737255 Datasheet
78Kb / 4P
Printed-circuit board connector - FKCT 2,5 HC/ 8-ST-5,08
09/11/2020
1751684 PHOENIX-1751684 Datasheet
85Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 8-ST GY7035
12/02/2018
1909281 PHOENIX-1909281 Datasheet
456Kb / 20P
Printed-circuit board connector - FKCT 2,5/ 9-ST
09/12/2020
1936775 PHOENIX-1936775 Datasheet
85Kb / 3P
Printed-circuit board connector - FKCT 2,5/ 4-ST KMGY 4703
11/05/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com