Electronic Components Datasheet Search
  English  ▼

X  

1908114 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1908114
Description  Printed-circuit board connector - FK-MC 0.5/ 7-ST-2.5 BLACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908114 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1908114 Datasheet HTML 1Page - PHOENIX CONTACT 1908114 Datasheet HTML 2Page - PHOENIX CONTACT 1908114 Datasheet HTML 3Page - PHOENIX CONTACT 1908114 Datasheet HTML 4Page - PHOENIX CONTACT 1908114 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1908114
07.11.2012   Page 3 / 5
Printed-circuit board connector - FK-MC 0.5/ 7-ST-2.5
BLACK - 1908114
Approvals
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
mm²/AWG/kcmil
28-20
Nominal current IN
4 A
Nominal voltage UN
125 V
VDE Gutachten mit Fertigungsüberwachung 
 
 
mm²/AWG/kcmil
0.2-0.5
Nominal current IN
4 A
Nominal voltage UN
100 V
cUL Recognized 
 
B
mm²/AWG/kcmil
28-20
Nominal current IN
4 A
Nominal voltage UN
125 V
IECEE CB Scheme 
 
 
mm²/AWG/kcmil
0.2-0.5
Nominal current IN
4 A
Nominal voltage UN
100 V
cULus Recognized 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com