Electronic Components Datasheet Search
  English  ▼

X  

1753592 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753592
Description  FKC 2,5/10-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753592 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753592 Datasheet HTML 1Page - PHOENIX CONTACT 1753592 Datasheet HTML 2Page - PHOENIX CONTACT 1753592 Datasheet HTML 3Page - PHOENIX CONTACT 1753592 Datasheet HTML 4Page - PHOENIX CONTACT 1753592 Datasheet HTML 5Page - PHOENIX CONTACT 1753592 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 12, 2010
Extract from the online
catalog
 
FKC 2,5/10-ST
Order No.: 1910432
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1910432
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 10, Connection type: Spring-cage conn.,
Color: green
 
Commercial data
EAN
4017918175214
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.018233 KG
Catalog page information
Page 210 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
45 mm
Number of positions
10


Similar Part No. - 1753592

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753592 PHOENIX-1753592 Datasheet
128Kb / 8P
Base strip - MSTBV 2,5/10-G - 1753592
1753592 PHOENIX-1753592 Datasheet
142Kb / 6P
MSTB 2,5/10-ST
1753592 PHOENIX-1753592 Datasheet
171Kb / 6P
MVSTBR 2,5/10-ST
1753592 PHOENIX-1753592 Datasheet
151Kb / 6P
MVSTBW 2,5/10-ST
More results

Similar Description - 1753592

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873061 PHOENIX-1873061 Datasheet
143Kb / 7P
FKC 2,5/ 3-ST-5,08
1873074 PHOENIX-1873074 Datasheet
142Kb / 7P
FKC 2,5/ 4-ST-5,08
1873100 PHOENIX-1873100 Datasheet
142Kb / 7P
FKC 2,5/ 7-ST-5,08
1873126 PHOENIX-1873126 Datasheet
141Kb / 7P
FKC 2,5/ 9-ST-5,08
1947065 PHOENIX-1947065 Datasheet
120Kb / 4P
FKC 2,5/ 3-ST-RF
1704535 PHOENIX-1704535 Datasheet
62Kb / 2P
FKC 2,5/ 2-ST BD:A1,A2
1942471 PHOENIX-1942471 Datasheet
155Kb / 5P
FKC 2,5 HC/12-ST-5,08
1947133 PHOENIX-1947133 Datasheet
83Kb / 5P
Printed-circuit board connector - FKC 2,5/10-ST-RF
1942235 PHOENIX-1942235 Datasheet
177Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/10-ST
09/12/2020
1925773 PHOENIX-1925773 Datasheet
720Kb / 17P
PCB connector - FKC 2,5/10-ST-5,08-RF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com