Electronic Components Datasheet Search
  English  ▼

X  

1840366 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1840366
Description  EMCV 1,5/ 2-G-3,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1840366 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1840366 Datasheet HTML 1Page - PHOENIX CONTACT 1840366 Datasheet HTML 2Page - PHOENIX CONTACT 1840366 Datasheet HTML 3Page - PHOENIX CONTACT 1840366 Datasheet HTML 4Page - PHOENIX CONTACT 1840366 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 2, 2011
Extract from the online
catalog
 
EMCV 1,5/ 2-G-3,5
Order No.: 1911017
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1911017
 
 
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of
positions: 2, Pitch: 3.5 mm, Color: green, Metal surface: Sn, Assembly:
Press-in
 
Commercial data
GTIN (EAN)
4
017918
175764
sales group
E105
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 173 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
7.25 mm
Pitch
3.5 mm
Dimension a
3.5 mm
Number of positions
2


Similar Part No. - 1840366

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
1840366 MICROCHIP-1840366 Datasheet
102Kb / 3P
plug-in direction parallel to the conductor axis
28. Juni 2001
logo
PHOENIX CONTACT
1840366 PHOENIX-1840366 Datasheet
140Kb / 5P
MC 1,5/ 2-ST-3,5
1840366 PHOENIX-1840366 Datasheet
144Kb / 5P
MCV 1,5/ 2-G-3,5
1840366 PHOENIX-1840366 Datasheet
162Kb / 5P
MC 1,5/ 2-G-3,5
More results

Similar Description - 1840366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1719435 PHOENIX-1719435 Datasheet
57Kb / 3P
Base strip - MC 1,5/ 2-G-3,5 GY
1731471 PHOENIX-1731471 Datasheet
73Kb / 4P
Base strip - MCV 1,5/ 2-G-3,5-RN
1731675 PHOENIX-1731675 Datasheet
67Kb / 4P
Base strip - MC 1,5/ 2-G-3,5-RN
1779365 PHOENIX-1779365 Datasheet
337Kb / 13P
MCV 1,5/ 2-G-3,5 P26 THR
1843606 PHOENIX-1843606 Datasheet
144Kb / 5P
MCV 1,5/ 2-G-3,5
1844210 PHOENIX-1844210 Datasheet
162Kb / 5P
MC 1,5/ 2-G-3,5
1911033 PHOENIX-1911033 Datasheet
139Kb / 5P
EMCV 1,5/ 4-G-3,5
1995499 PHOENIX-1995499 Datasheet
68Kb / 3P
Base strip - MC 1,5/ 2-G-3,5-AU
1739279 PHOENIX-1739279 Datasheet
41Kb / 2P
Printed-circuit board connector - EMCV 1,5/ 5-G-3,5 BK
1911169 PHOENIX-1911169 Datasheet
129Kb / 7P
Feed-through header - EMCV 1,5/ 2-GF-3,5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com