Electronic Components Datasheet Search
  English  ▼

X  

AT97SC3203 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT97SC3203
Description  Trusted Platform Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3203 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT97SC3203 Datasheet HTML 1Page - ATMEL Corporation AT97SC3203 Datasheet HTML 2Page - ATMEL Corporation AT97SC3203 Datasheet HTML 3Page - ATMEL Corporation AT97SC3203 Datasheet HTML 4Page - ATMEL Corporation AT97SC3203 Datasheet HTML 5Page - ATMEL Corporation AT97SC3203 Datasheet HTML 6Page - ATMEL Corporation AT97SC3203 Datasheet HTML 7Page - ATMEL Corporation AT97SC3203 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
AT97SC3203
5116AS-TPM–7/05
Notes:
1. These parameters guaranteed by design.
2. All parameters measured with respect to signal crossing Vtest = 0.4 * VCC unless otherwise noted.
3. The minimum parameter must never be violated under any circumstances unless Lreset# is asserted. If proper CLKRUN#
signaling is observed, the maximum specification can be violated.
Notes:
1. Current as of publication date. Contact Atmel marketing for status update.
2. Also RoHS
Table 3. AC Parameters
Cl = 10pf.; VCC = 3.0 to 3.7V; Temperature = 0 to 70-C
Symbol
Parameter
Min
Nom
Max
Units
Notes
TVAL
CLK to Signal Valid Delay – LAD0-3
2
5
11
nS
Measured at Vtrise = 0.285 * VCC and Vtfal
= 0.615 * VCC. Measured from clk at Vtest =
0.4* VCC; Load = 200.
TON
Float to Active Delay
2
4
nS
TOFF
Active to Float Delay
28
nS
TSU
Input Setup Time to CLK
7
2
nS
TH
Input Hold Time from CLK
0
–500
nS
TRST
Reset Active Time After Power Stable
1
mS
Note 1
TRST-
CLK
Reset Active After CLK Stable
100
mS
Note 1
TRST-
OFF
Reset Active to Output Float Delay
40
nS
Note 1
TCLKIN
CLK Period
29.5
30
31
nS
Note 3
TCLKL
O
CLK Low Duration
13.4
18
nS
Note 2, Note 3
TCLKHI
CLK High Duration
13.4
18
nS
Note 2, Note 3
Table 4. Ordering Information
Ordering Code(1)
Package
Operation Range
AT97SC3203-01AC
28A3 (TSSOP)
Commercial (0
° to 70° C)
AT97SC3203-X1AC
28A3 (TSSOP)
Lead-free(2)
Commercial (0
° to 70° C)
AT97SC3203-01MC
40ML1 (QFN)
Commercial (0
° to 70° C)
AT97SC3203-X1MC
40ML1 (QFN)
Lead-free(2)
Commercial (0
° to 70° C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com