Electronic Components Datasheet Search
  English  ▼

X  

BAV16W Datasheet(PDF) 1 Page - Formosa MS

Part # BAV16W
Description  SOD-123 Plastic-Encapsulate Dio des
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BAV16W Datasheet(HTML) 1 Page - Formosa MS

  BAV16W Datasheet HTML 1Page - Formosa MS BAV16W Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-123 Plastic-Encapsulate Diodes
BAV16W/1N4148W
FAST SWITCHING DIODES
FEATURES
MARKING: T6,T4
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
℃
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
100
V
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking
Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Peak forward surge current @=1.0µs
@=1.0s
IFSM
2.0
1.0
A
Power Dissipation
Pd
400
mW
Thermal
Resistance
Junction
to
Ambient
RθJA
315
K/W
Junction temperature
Tj
125
℃
Storage temperature
TSTG
-65~+150
℃
Electrical Ratings @TA=25
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF1
0.715
V
IF=1mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=50mA
Forward voltage
VF4
1.25
V
IF=150mA
IR1
1
µA
VR=75V
Reverse current
IR2
25
nA
VR=20V
Capacitance between terminals
CT
2
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
4
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
SOD-123
Formosa MS


Similar Part No. - BAV16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16W PANJIT-BAV16W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAV16W WTE-BAV16W Datasheet
41Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
63Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 7 - 2
BAV16W DIODES-BAV16W Datasheet
88Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 17 - 2
logo
Won-Top Electronics
BAV16W WTE-BAV16W Datasheet
46Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV16W

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
SOD-123 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
1N4148W HDSEMI-1N4148W Datasheet
1Mb / 5P
SOD-123 Plastic-Encapsulate Diodes
1N4448WT5 HDSEMI-1N4448WT5 Datasheet
1Mb / 5P
SOD-123 Plastic-Encapsulate Diodes
1N5819W HDSEMI-1N5819W Datasheet
1Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
B1040W HDSEMI-B1040W Datasheet
2Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
B5817W HDSEMI-B5817W Datasheet
2Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
BAT46W HDSEMI-BAT46W Datasheet
1Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
BZT52B-SOD123 HDSEMI-BZT52B-SOD123 Datasheet
1Mb / 5P
SOD 123 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B5817PL DGNJDZ-B5817PL_V01 Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Dio des
logo
UN Semiconducctor INC
BAT43W UNSEMI-BAT43W Datasheet
2Mb / 4P
SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com