Electronic Components Datasheet Search
  English  ▼

X  

BAT54S Datasheet(PDF) 1 Page - Formosa MS

Part # BAT54S
Description  Surface Mount Schottky Diode - Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BAT54S Datasheet(HTML) 1 Page - Formosa MS

  BAT54S Datasheet HTML 1Page - Formosa MS BAT54S Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Schottky Diode
BAT54 / A / C / S
Silicon epitaxial planar type
Features
Small surface mounting type
High reliability
High speed ( trr < 5 ns )
Mechanical data
Case : SOT-23
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Mounting Position : Any
MAXIMUM RATINGS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Repetitive peak reverse voltage
VRRM
30
V
Reverse voltage
VR
30
V
Peak forward surge current
tp < 10 ms
IFSM
600
mA
Repetitive peak forward current
tp < 1 s
IFRM
300
mA
Forward current
IF
200
mA
Junction temperature
Tj
125
o C
Storage temperature
TSTG
-55
+150
o C
Formosa MS
SOT-23
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
IF = 0.1mA
VF
0.240
V
IF = 1mA
VF
0.320
V
IF = 10mA
VF
0.400
V
IF = 30mA
VF
0.500
V
IF = 100mA
VF
0.800
V
Reverse current
VR = 25V
IR
2.0
uA
Diode capacitance
VR = 1V , f = 1MHz
CD
10.0
pF
Reverse recovery time
IF =10mA, VR = 10mA, IRR = 0.1 X IR , RL =100OHM
trr
5
ns
Forward voltage
0.033 (0.85)
0.045 (1.15)
R 0.05
(0.002)
0.055 (1.40)
0.047 (1.20)
0.102 (2.60)
0.094 (2.40)
0.028 (0.70)
0.020 (0.50)
(A)
(B)
(C)
A
C
B
A
C
B
A
C
B
A
C
B
Marking Code
BAT54
BAT54A
BAT54C
BAT54S
KL1
KL2
KL3
KL4


Similar Part No. - BAT54S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54S PANJIT-BAT54S Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54S PHILIPS-BAT54S Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54S STMICROELECTRONICS-BAT54S Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Zetex Semiconductors
BAT54S ZETEX-BAT54S Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Zowie Technology Corpor...
BAT54S ZOWIE-BAT54S Datasheet
51Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT54S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2 TOSHIBA-015AZ2 Datasheet
234Kb / 5P
Diode Silicon Epitaxial Planar Type
07-May-1997
1N4606 TOSHIBA-1N4606 Datasheet
37Kb / 1P
SILICON EPITAXIAL PLANAR TYPE DIODE
1N4608 TOSHIBA-1N4608 Datasheet
37Kb / 1P
SILICON EPITAXIAL PLANAR TYPE DIODE
logo
KEC(Korea Electronics)
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
logo
Toshiba Semiconductor
1S2095A TOSHIBA-1S2095A Datasheet
69Kb / 2P
SILICON EPITAXIAL PLANAR TYPE DIODE
1SS378 TOSHIBA-1SS378_14 Datasheet
217Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Schottky Barrier Type
JDV2S02E TOSHIBA-JDV2S02E Datasheet
85Kb / 3P
Diode Silicon Epitaxial Planar Type
JDV2S01E TOSHIBA-JDV2S01E Datasheet
85Kb / 3P
Diode Silicon Epitaxial Planar Type
HN1D03F TOSHIBA-HN1D03F Datasheet
171Kb / 4P
Diode Silicon Epitaxial Planar Type
logo
KEC(Korea Electronics)
KTX711T KEC-KTX711T Datasheet
385Kb / 4P
SILICON EPITAXIAL PLANAR TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com