Electronic Components Datasheet Search
  English  ▼

X  

1945261 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1945261
Description  Pin strip - PST 1,0/19-3,5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1945261 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1945261 Datasheet HTML 1Page - PHOENIX CONTACT 1945261 Datasheet HTML 2Page - PHOENIX CONTACT 1945261 Datasheet HTML 3Page - PHOENIX CONTACT 1945261 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1945261
10/30/2014   Page 1 / 4
Pin strip - PST 1,0/19-3,5 - 1945261
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 250 V, Number of positions: 19, Pitch: 3.5 mm, Color: black,
Contact surface: Tin, Assembly: Soldering, The maximum current depends on the plug used. The lower of the two
current values apply for plug and pin strip. The pin strip is made of highly temperature resistant plastic and is thus
suitable for the reflow process.
The figure shows a 10-position
version of the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
10.0 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
2.8 mm
Pitch
3.5 mm
Dimension a
63 mm
Pin dimensions
1 mm
Hole diameter
1.1 mm
General
Range of articles
PST 1,0/..-V
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
250 V


Similar Part No. - 1945261

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1945200000 WEIDMULLER-1945200000 Datasheet
601Kb / 7P
BLZP 5.08HC/16/180LR SN BK BX
logo
PHOENIX CONTACT
1945203 PHOENIX-1945203 Datasheet
455Kb / 12P
Pin strip - PST 1,0/13-3,5
Jan 10, 2023
logo
Weidmuller
1945220000 WEIDMULLER-1945220000 Datasheet
599Kb / 7P
BLZP 5.08HC/18/180LR SN BK BX
logo
PHOENIX CONTACT
1945229 PHOENIX-1945229 Datasheet
669Kb / 15P
PST 1,0/15-3,5 - Pin strip
1945245 PHOENIX-1945245 Datasheet
63Kb / 4P
Pin strip - PST 1,0/17-3,5
More results

Similar Description - 1945261

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1720259 PHOENIX-1720259 Datasheet
93Kb / 4P
Pin strip - PST 1,0/ 5-3,5 R56
1945245 PHOENIX-1945245 Datasheet
63Kb / 4P
Pin strip - PST 1,0/17-3,5
1945258 PHOENIX-1945258 Datasheet
63Kb / 4P
Pin strip - PST 1,0/18-3,5
1945287 PHOENIX-1945287 Datasheet
63Kb / 4P
Pin strip - PST 1,0/21-3,5
1945290 PHOENIX-1945290 Datasheet
63Kb / 4P
Pin strip - PST 1,0/22-3,5
1945300 PHOENIX-1945300 Datasheet
63Kb / 4P
Pin strip - PST 1,0/23-3,5
1945313 PHOENIX-1945313 Datasheet
63Kb / 4P
Pin strip - PST 1,0/24-3,5
1945119 PHOENIX-1945119 Datasheet
104Kb / 6P
Pin strip - PST 1,0/ 4-3,5
09/12/2020
1945203 PHOENIX-1945203 Datasheet
455Kb / 12P
Pin strip - PST 1,0/13-3,5
Jan 10, 2023
1945229 PHOENIX-1945229 Datasheet
669Kb / 15P
PST 1,0/15-3,5 - Pin strip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com