Electronic Components Datasheet Search
  English  ▼

X  

TMP61 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP61
Description  TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP61 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP61 Datasheet HTML 6Page - Texas Instruments TMP61 Datasheet HTML 7Page - Texas Instruments TMP61 Datasheet HTML 8Page - Texas Instruments TMP61 Datasheet HTML 9Page - Texas Instruments TMP61 Datasheet HTML 10Page - Texas Instruments TMP61 Datasheet HTML 11Page - Texas Instruments TMP61 Datasheet HTML 12Page - Texas Instruments TMP61 Datasheet HTML 13Page - Texas Instruments TMP61 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
TMP63
SNIS211C – OCTOBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8.3 TMP63 R-T table
The TMP63 R-T table must be re-calculated for any change in the bias voltage, bias resistor, or bias current. TI
provides a Thermistor Design Tool to calculate the R-T table. The system designer must always validate the
calculations provided.
8.4 Feature Description
8.4.1 Linear Resistance Curve
The TMP63 has good linear behavior across the whole temperature range as shown in Figure 3. This range
allows a simpler resistance-to-temperature conversion method that reduces look-up table memory requirements.
The linearization circuitry or midpoint calibration associated with traditional NTCs is not necessary with the
device .
The linear resistance across the entire temperature range allows the device to maintain sensitivity at higher
operating temperatures.
8.4.2 Positive Temperature Coefficient (PTC)
The TMP63 has a positive temperature coefficient. As temperature increases the device resistance increases
leading to a reduction in power consumption of the bias circuit. In comparison, a negative coefficient system
increases power consumption with temperature as the resistance decreases.
The TMP63 benefits from the reduced power consumption of the bias circuit with less self-heating than a typical
NTC system.
8.5 Device Functional Modes
The device operates in only one mode when operated within the Recommended Operating Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com