Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101A3B Datasheet(PDF) 21 Page - Texas Instruments

Part # TMCS1101A3B
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101A3B Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMCS1101A3B Datasheet HTML 17Page - Texas Instruments TMCS1101A3B Datasheet HTML 18Page - Texas Instruments TMCS1101A3B Datasheet HTML 19Page - Texas Instruments TMCS1101A3B Datasheet HTML 20Page - Texas Instruments TMCS1101A3B Datasheet HTML 21Page - Texas Instruments TMCS1101A3B Datasheet HTML 22Page - Texas Instruments TMCS1101A3B Datasheet HTML 23Page - Texas Instruments TMCS1101A3B Datasheet HTML 24Page - Texas Instruments TMCS1101A3B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Current Pulse Duration (s)
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
D018
1%
5%
10%
25%
50%
75%
Current Pulse Duration (s)
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
D019
1%
5%
10%
25%
50%
75%
Current Pulse Duration (s)
0.001
0.01
0.1
1
10
0
50
100
150
200
250
D016
1%
5%
10%
25%
50%
75%
Current Pulse Duration (s)
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
160
D017
1%
5%
10%
25%
50%
75%
21
TMCS1101
www.ti.com
SBOS825A – SEPTEMBER 2019 – REVISED MAY 2020
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Safe Operating Area (continued)
TA = 25°C
Figure 26. Maximum Repetitive Pulsed Current vs Pulse
Duration
TA = 85°C
Figure 27. Maximum Repetitive Pulsed Current vs Pulse
Duration
TA = 105°C
Figure 28. Maximum Repetitive Pulsed Current vs Pulse
Duration
TA = 125°C
Figure 29. Maximum Repetitive Pulsed Current vs Pulse
Duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com