Electronic Components Datasheet Search
  English  ▼

X  

0811228 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0811228
Description  MSTB 2,5/ 3-GF-5,08 BK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0811228 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0811228 Datasheet HTML 1Page - PHOENIX CONTACT 0811228 Datasheet HTML 2Page - PHOENIX CONTACT 0811228 Datasheet HTML 3Page - PHOENIX CONTACT 0811228 Datasheet HTML 4Page - PHOENIX CONTACT 0811228 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/ 3-GF-5,08 BK
Order No.: 1962024
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1962024
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of
positions: 3, Pitch: 5.08 mm, Color: black, Assembly: Soldering
 
Commercial data
GTIN (EAN)
4
017918
902704
sales group
E110
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
10.16 mm
Number of positions
3
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 0811228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0811228 PHOENIX-0811228 Datasheet
149Kb / 6P
Surge protection plug for the base element, coarse protection for four signal lines grounded on one side.
0811228 PHOENIX-0811228 Datasheet
81Kb / 3P
ZBM 6/WH:UNBEDRUCKT
0811228 PHOENIX-0811228 Datasheet
81Kb / 3P
ZBM 5/WH:UNBEDRUCKT
0811228 PHOENIX-0811228 Datasheet
150Kb / 6P
MSTB 2,5/ 2-STF-5,08
0811228 PHOENIX-0811228 Datasheet
152Kb / 7P
MSTB 2,5/10-STF-5,08
More results

Similar Description - 0811228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1717806 PHOENIX-1717806 Datasheet
97Kb / 2P
DFK-MSTB 2,5/ 2-GF-5,08 BK
1970333 PHOENIX-1970333 Datasheet
41Kb / 2P
Printed-circuit board connector - DFK-MSTB 2,5/ 3-GF-5,08 BK
1785184 PHOENIX-1785184 Datasheet
60Kb / 4P
DFK-MSTB 2,5/ 5-GF-5,08 BK
1759509 PHOENIX-1759509 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 BK
1776511 PHOENIX-1776511 Datasheet
158Kb / 6P
MSTB 2,5/ 3-GF-5,08
1961973 PHOENIX-1961973 Datasheet
124Kb / 5P
MSTB 2,5/ 3-STF-5,08 BK
1927577 PHOENIX-1927577 Datasheet
209Kb / 4P
MSTB 2,5/ 3-GF-5,08 THT
1800915 PHOENIX-1800915 Datasheet
76Kb / 3P
Header - MSTB 2,5/16-GF-5,08 BK
1800909 PHOENIX-1800909 Datasheet
60Kb / 3P
Base strip - MSTB 2,5/ 7-GF-5,08 BK
1914218 PHOENIX-1914218 Datasheet
102Kb / 3P
MSTBV 2,5/ 3-GF-5,08 BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com