Electronic Components Datasheet Search
  English  ▼

X  

EJB16025 Datasheet(PDF) 1 Page - Schneider Electric

Part # EJB16025
Description  E-Frame Branch Brkr 25A, 1P, 600Y/347V, 25kA, Bolt-on Mnt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

EJB16025 Datasheet(HTML) 1 Page - Schneider Electric

  EJB16025 Datasheet HTML 1Page - Schneider Electric EJB16025 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
EJB16025
E-Frame Branch Brkr 25A, 1P, 600Y/347V, 25kA,
Bolt-on Mnt
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 408.00 USD
Main
Range of product
125 A Frame EDB-EGB-EJB
Product or component type
Circuit-breaker
Device short name
EJB
Module type
E-Frame
Trip unit rating
875 A
Complementary
Line Rated Current
25 A
Maximum operating voltage
600Y/347 V AC
AWG gauge
AWG 12...AWG 6 aluminium
AWG 14...AWG 6 copper
Breaking capacity
25 kA 600Y/347 V AC
Circuit breaker application
HACR rated
Depth
4.05 in (102.87 mm)
Electrical connection
Lugs aluminium
Height
5.66 in (143.76 mm)
Holding current
270 A
Local signalling
Trip indicator
Mounting mode
Bolt-on
Number of poles
1
Number of spaces
1
Number of spaces required
1
Product destination
NF panelboard
Net weight
2 lb(US) (0.91 kg)
Protection type
Short-circuit
Overload
Jun 17, 2020
1


Similar Part No. - EJB16025

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EJB16020 SCHNEIDER-EJB16020 Datasheet
101Kb / 2P
E-Frame Branch Brkr 20A, 1P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 11, 2020
More results

Similar Description - EJB16025

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EJB16020 SCHNEIDER-EJB16020 Datasheet
101Kb / 2P
E-Frame Branch Brkr 20A, 1P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 11, 2020
EJB36025 SCHNEIDER-EJB36025 Datasheet
138Kb / 2P
E-Frame Branch Brkr 25A, 3P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 11, 2020
EGB16025 SCHNEIDER-EGB16025 Datasheet
101Kb / 2P
E-Frame Branch Brkr 25A, 1P, 600Y/347V, 18kA, Bolt-on Mnt
Jun 17, 2020
EJB16015 SCHNEIDER-EJB16015 Datasheet
101Kb / 2P
E-Frame Branch Brkr 15A, 1P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 17, 2020
EJB16030 SCHNEIDER-EJB16030 Datasheet
101Kb / 2P
E-Frame Branch Brkr 30A, 1P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 17, 2020
EJB16040 SCHNEIDER-EJB16040 Datasheet
108Kb / 2P
E-Frame Branch Brkr 40A, 1P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 17, 2020
EJB16050 SCHNEIDER-EJB16050 Datasheet
108Kb / 2P
E-Frame Branch Brkr 50A, 1P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 17, 2020
EJB16060 SCHNEIDER-EJB16060 Datasheet
108Kb / 2P
E-Frame Branch Brkr 60A, 1P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 17, 2020
EJB16070 SCHNEIDER-EJB16070 Datasheet
108Kb / 2P
E-Frame Branch Brkr 70A, 1P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 17, 2020
EJB26025 SCHNEIDER-EJB26025 Datasheet
118Kb / 2P
E-Frame Branch Brkr 25A, 2P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 17, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com