Electronic Components Datasheet Search
  English  ▼

X  

SC220C5B Datasheet(PDF) 21 Page - Zarlink Semiconductor Inc

Part # SC220C5B
Description  XpressFlow 2020 Ethernet Routing Switch Chipset
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SC220C5B Datasheet(HTML) 21 Page - Zarlink Semiconductor Inc

Back Button SC220C5B Datasheet HTML 17Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 18Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 19Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 20Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 21Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 22Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 23Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 24Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 25Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
SC220
Ethernet Switch Chipset
XpressFlow Engine
© 1998 Vertex Networks, Inc.
20
Rev. 4.5 – February
1999
2.4
XpressFlow Bus Interface
t Vertex Networks’ optimized XpressFlow Bus
architecture
t Provides 1G bps switching bandwidth
t Full multi bus master structure
t Allows XpressFlow Engine to communicate
with Access Controllers via a message pass-
ing protocol
◊ Command Messages for passing control
information between devices
◊ Data Messages for forwarding an Ethernet
frame from receiving port to transmission
port
t Built-in intelligent bus load regulator for data
traffic balancing
t Provides centralized bus arbitration with two
level request priorities
◊ High priority for Data Messages
◊ Low priority for Command Messages
2.4.1 Pin Description
Symbol
Type
Name & Functions
S_D[31:0]
CMOS
I/O-TS
Data Bus Bit [31:0] – a 32-bit synchronous data bus.
Note: During the system RESET period, Data Bit [31:28] are used as
Processor Interface Configuration bit [0:3]
S_MSGEN#
CMOS
I/O-TS
Message Envelope – encompasses the entire period of a message
transfer. Targets use the leading edge of this signal to detect the be-
ginning of a message transfer, and to decode the message header for
the intended target(s).
S_EOF#
CMOS
I/O-TS
End of Frame – only used by frame data transfer messages to identify
the end of frame condition. This signal is synchronous with the Rx
Frame Status word appended to the end of the message.
S_IRDY
CMOS
I/O-TS
Initiator Ready – a normal true signal. When negated, it indicates the
initiator had asserted wait state(s) in between command words. Target
should use this signal as enable signal for latching the data from the
bus.
S_TABT#
CMOS
I/O-OD
Target Abort – when asserted, the target had aborted the reception of
current message on the bus.
S_HPREQ#
CMOS
I/O-OD
High Priority Request – indicates one or more Bus Requester is re-
questing for high priority message transfer.
S_REQ[8:1]#
CMOS
Input
Bus Request [8:1] – Bus Request signals from Access Controllers to
Bus Access Arbitrator in XpressFlow Engine
S_GNT[8:1]#
CMOS
Output
Bus Grant [8:1] – Bus Grant signals from Bus Arbitrator to Bus Re-
questers
S_OVLD#
CMOS
Output
Bus Overload – when asserted all data forwarding bus bandwidth has
been allocated. Cannot support additional load for data forwarding traf-
fic
S_CLK
CMOS
Input
XpressFlow Bus Clock – 33MHz system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com