Electronic Components Datasheet Search
  English  ▼

X  

DPM2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DPM2
Description  3 1/2 Digit Subminiature LCD Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DPM2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DPM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS All dimensions in mm (inches)
NOTE
Ensure that Ra is rated for high voltage use.
SCALING
NOTES
A potential divider may be used to alter the full scale
reading (F.S.R.) of themeter - seetable.
Themeter will havetobe
re-calibratedbyadjusting
thecalibrationpotentiometer
at therear of themodule.
REF
8.25mm (0.32“) Digit Height
Programmable Decimal Points
Auto-zero
Auto-polarity
200mV d.c. Full Scale Reading (F.S.R.)
DPM 2
3½ Digit Subminiature LCD Module
Required F.S.R.
Ra
Rb
2V
910k
100k
20V
1M
10k
200V
1M
1k
2kV
Note
10M
1k
200 A
0R
1k
2mA
0R
100R
20mA
0R
10R
200mA
0R
1R
µ
PANEL FITTING
Locate the meter by passing it through the front of the panel cut-out and gently push until the rear of the bezel is flush with the panel (DO NOT PUSH ON
THELCD). Thesnap-inlugswill nowautomaticallyholdthemeter firmlyinposition.
The DPM 2 uses the latest miniaturisation techniques to produce a very compact meter. The snap-in integral bezel makes installation easy. For
single rail use, the DPM 2S features a built in negative rail generator, enabling the meter to measure a signal referenced to its own power supply
0V.
Specification
Min.
Typ.
Max.
Unit
Accuracy (overall error) *
0.1
% (±1 count)
Linearity
±1
count
Sample rate
3
samples/sec
Operating temperature range
0
50
°C
Temperature stability
DPM 2
200
DPM 2S
100
Supply voltage
DPM 2
7
9
14
DPM 2S
3
5
7
Supply current
DPM 2
150
DPM 2S
250
Input leakage current (Vin= 0V)
1
10
pA
* To ensure maximum accuracy, re-calibrate periodically.
Stock Number
Standard Meter
DPM 2
Single Rail Version
DPM 2S
ppm/°C
V
A
µ
2
3 IN HI
IN LO
+
-
10nF
Rb
Ra
1M
INPUT
CONNECTOR SOURCING GUIDE
METHOD
SUPPLIED WITH PRODUCT
35.0 (1.38)
32.5 (1.27)
22.3 (0.88)
a bc d
a. 2.00 (0.08)
b. 6.00 (0.23)
c. 1.60 (0.06) max
d. 6.00 (0.23)
e. 2.00 (0.08)
f. 0.50 (0.02)
g. 7.26 (0.28)
h. 1.76 (0.07)
e
f
g
h
Panel cut-out
33.0 x 15.0 (1.30 x 0.60)
Panel thickness
1.0to2.5 (0.04to0.1)
10
10
1
1
DP1
DP2
DP3
ON BOARD SOLDER LINKS


Similar Part No. - DPM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPM2000 ETC2-DPM2000 Datasheet
101Kb / 2P
3 Digit LCD Module
logo
XP Power Limited
DPM24 XPPOWER-DPM24 Datasheet
66Kb / 1P
Diode Protection Module
DPM24D XPPOWER-DPM24D Datasheet
66Kb / 1P
Diode Protection Module
logo
Cornell Dubilier Electr...
DPM2P15K-F CDE-DPM2P15K-F Datasheet
264Kb / 2P
Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
DPM2P15K-F CDE-DPM2P15K-F Datasheet
264Kb / 3P
Great for High Frequency Switching Power Supplies
More results

Similar Description - DPM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
UMC Corporation
UM3273 UMC-UM3273 Datasheet
695Kb / 9P
3 1/2 - DIGIT MULTIPLEXED LCD ALARM CLOCK
logo
Murata Manufacturing Co...
DM-3100X MURATA-DM-3100X Datasheet
1Mb / 6P
3-1/2 Digit Micropowered LCD Digital Panel Meter
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
ES5129 CYRUSTEK-ES5129 Datasheet
674Kb / 12P
4-1/2 digit with LCD
logo
List of Unclassifed Man...
DPM2000 ETC2-DPM2000 Datasheet
101Kb / 2P
3 Digit LCD Module
logo
LUMEX INC.
LCD-H3X1C50TF LUMEX-LCD-H3X1C50TF Datasheet
58Kb / 1P
0.50 CHARACTER HEIGHT, 3 1/2 DIGIT LCD GLASS
LCD-H3X1C50TR LUMEX-LCD-H3X1C50TR Datasheet
72Kb / 1P
0.50 CHARACTER HEIGHT, 3 1/2 DIGIT LCD GLASS
LCD-S3X1C50TF LUMEX-LCD-S3X1C50TF Datasheet
109Kb / 1P
0.50 CHARACTER HEIGHT, 3 1/2 DIGIT LCD GLASS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com