Electronic Components Datasheet Search
  English  ▼

X  

0803922 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803922
Description  IPCV 16/ 3-G-10,16
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803922 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803922 Datasheet HTML 1Page - PHOENIX CONTACT 0803922 Datasheet HTML 2Page - PHOENIX CONTACT 0803922 Datasheet HTML 3Page - PHOENIX CONTACT 0803922 Datasheet HTML 4Page - PHOENIX CONTACT 0803922 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IPCV 16/ 3-G-10,16 Order No.: 1969700
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1969700
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Feb 7, 2011
Pin dimensions
0,8 x 1,2
Pin spacing
10.16 mm
Hole diameter
1.7 mm
Technical data
Range of articles
IPCV 16/..-G
Insulating material group
I
Rated surge voltage (III/3)
8 kV
Rated surge voltage (III/2)
8 kV
Rated surge voltage (II/2)
8 kV
Rated voltage (III/2)
1000 V
Rated voltage (II/2)
1000 V
Nominal current IN
76 A
Nominal voltage UN
1000 V
Maximum load current
76 A
Insulating material
PA
Inflammability class acc. to UL 94
V0
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
66 A
Nominal voltage, UL/CUL Use Group C
300 V
Nominal current, UL/CUL Use Group C
66 A
Nominal voltage, UL/CUL Use Group D
600 V
Nominal current, UL/CUL Use Group D
5 A
Certificates / Approvals
Certification
CB, CCA, CUL, SEV, UL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com