Electronic Components Datasheet Search
  English  ▼

X  

DI1012S Datasheet(PDF) 1 Page - Formosa MS

Part # DI1012S
Description  Surface Mount Bridge Rectifier - Glass passivated type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DI1012S Datasheet(HTML) 1 Page - Formosa MS

  DI1012S Datasheet HTML 1Page - Formosa MS DI1012S Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Bridge Rectifier
DI100S THRU DI1012S
Glass passivated type
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
High surge current capability
Ideal for printed circuit board
Mechanical data
Case : Molded plastic, DFS
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Marked on body
Mounting Position : Any
Weight : 1.0 gram
(V)
(V)
(V)
(V)
(
o C)
DI100S
DI100S
50
35
50
DI101S
DI101S
100
70
100
DI102S
DI102S
200
140
200
DI104S
DI104S
400
280
400
DI106S
DI106S
600
420
600
DI108S
DI108S
800
560
800
DI1010S
DI1010S
1000
700
1000
DI1012S
DI1012S
1200
840
1200
SYMBOLS
MARKING
CODE
1.1
-55 to +125
Operating
temperature
V RRM
*1
V RMS
*2
V R
*3
V F
*4
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
50
A
VR = VRRM TA = 25
oC
10
uA
VR = VRRM TA = 125
oC
500
uA
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Formosa MS
Dimensions in inches and (millimeters)
.255(6.5)
.310(7.9)
.135(3.4)
.410(10.4)
.013(.33)
.060(1.5)
.205(5.2)
.365(9.3)
.042(1.1)
.245(6.2)
.290(7.4)
.115(2.9)
.360(9.4)
.003(.08)
.040(1.0)
.195(5.0)
.355(9.0)
.038(1.0)
+
~
~
DFS


Similar Part No. - DI1012S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI101 PANJIT-DI101 Datasheet
56Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes)
logo
Transys Electronics
DI101 TRSYS-DI101 Datasheet
154Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Formosa MS
DI101 FORMOSA-DI101 Datasheet
62Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
DI101 ETC1-DI101 Datasheet
49Kb / 2P
1 AMP MINIATURE BRIDGE RECTIFIERS
logo
Pan Jit International I...
DI101 PANJIT-DI101 Datasheet
71Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DI1012S

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B1S GXELECTRONICS-B1S Datasheet
316Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S JINGHENG-MB1S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10S JINGHENG-MB10S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jingheng (Group) ...
B1S JINANJINGHENG-B1S_17 Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com