Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 35Page - Texas Instruments TMS320VC5416 Datasheet HTML 36Page - Texas Instruments TMS320VC5416 Datasheet HTML 37Page - Texas Instruments TMS320VC5416 Datasheet HTML 38Page - Texas Instruments TMS320VC5416 Datasheet HTML 39Page - Texas Instruments TMS320VC5416 Datasheet HTML 40Page - Texas Instruments TMS320VC5416 Datasheet HTML 41Page - Texas Instruments TMS320VC5416 Datasheet HTML 42Page - Texas Instruments TMS320VC5416 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
3.12.3 DMA Memory Maps
Program
Hex
SLAXS = 0
DLAXS = 0
0000
005F
0060
3FFF
4000
FFFF
0x7FFF
0x8000
Hex
0x0000
7FFF
8000
On-Chip
DARAM3
8K Words
0xFFFF
Program
Page 0
Page 2 − 3
5FFF
6000
On-Chip
DARAM2
8K Words
On-Chip
DARAM1
8K Words
On-Chip
DARAM0
8K Words
1FFF
2000
Hex
xx0000
xxFFFF
Page 4 − 127
On-Chip
SARAM 0/4
8K Words
On-Chip
SARAM 1/5
8K Words
On-Chip
SARAM 2/6
8K Words
On-Chip
SARAM 3/7
8K Words
0x9FFF
0xA000
0xBFFF
0xC000
0xDFFF
0xE000
Program
Reserved
Reserved
Reserved
Reserved
Program
Hex
010000
017FFF
Page 1
Reserved
018000
01FFFF
On-Chip
DARAM 4
8K Words
On-Chip
DARAM 5
8K Words
On-Chip
DARAM 6
8K Words
On-Chip
DARAM 7
8K Words
019FFF
01A000
01BFFF
01C000
01DFFF
01E000
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
The DMA memory maps, shown in Figure 3-17 and Figure 3-18, allows the DMA transfer to be unaffected
by the status of the MP/MC, DROM, and OVLY bits.
Figure 3-17. On-Chip DMA Memory Map for Program Space (DLAXS = 0 and SLAXS = 0)
Submit Documentation Feedback
Functional Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com