Electronic Components Datasheet Search
  English  ▼

X  

TNETV2501INPGF Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 39 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 35Page - Texas Instruments TNETV2501INPGF Datasheet HTML 36Page - Texas Instruments TNETV2501INPGF Datasheet HTML 37Page - Texas Instruments TNETV2501INPGF Datasheet HTML 38Page - Texas Instruments TNETV2501INPGF Datasheet HTML 39Page - Texas Instruments TNETV2501INPGF Datasheet HTML 40Page - Texas Instruments TNETV2501INPGF Datasheet HTML 41Page - Texas Instruments TNETV2501INPGF Datasheet HTML 42Page - Texas Instruments TNETV2501INPGF Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 197 page
background image
Functional Overview
39
December 2002 − Revised November 2008
SPRS206K
3.1
Memory
The 5501 supports a unified memory map (program and data accesses are made to the same physical space).
The total on-chip memory is 32K words (16K 16-bit words of RAM and 16K 16-bit words of ROM).
3.1.1 On-Chip ROM
TMS320VC5501 incorporates 16K x16-bit of on-chip, one-wait-state maskable ROM that can be mapped into
program memory space. The on-chip ROM is located at the byte address range FF8000h−FFFFFFh when
MPNMC = 0 at reset. When MPNMC = 1 at reset, the on-chip ROM is disabled and not present in the memory
map, and byte address range FF8000h−FFFFFFh is directed to external memory space. MPNMC is a bit
located in the ST3 status register, and its status is determined by the logic level on the BOOTM[2:0] pins when
sampled at reset. If BOOTM[2:0] are set to 00h at reset, the MPNMC bit is set to 1 and the on-chip ROM is
disabled; otherwise, the MPNMC bit is cleared to 0 and the on-chip ROM is enabled. These pins are not
sampled again until the next hardware reset. The software reset instruction does not affect the MPNMC bit.
Software can be used to set or clear the MPNMC bit.
The ROM can be accessed by the program bus (P) and the two read data buses (C and D). The on-chip ROM
is a two-cycle-per-word memory access, except for the first word access, which requires four cycles.
The standard on-chip ROM contains a bootloader which provides a variety of methods to load application code
automatically after power up or a hardware reset. For more information, see Section 3.1.5, Boot Configuration.
A vector table associated with the bootloader is also contained in the ROM. A boot mode branch table is
included in the ROM which contains hard-coded jumps to the beginning of each boot mode code section in
the bootloader.
A sine look-up table is provided containing 256 values (crossing 360 degrees) expressed in Q15 format.
The standard on-chip ROM layout is shown in Table 3−1.
Table 3−1. On-Chip ROM Layout
STARTING BYTE ADDRESS
CONTENTS
FF_8000h
Bootloader Program
FF_ECAEh
Bootloader Revision Number
FF_ECB0h
Boot Mode Branch Table
FF_ED00h
Sine Table
FF_EF00h
Reserved
FF_FF00h
Interrupt Vector Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com