Electronic Components Datasheet Search
  English  ▼

X  

1998784 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1998784
Description  PCV 6-16/ 2-G1-10,16
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1998784 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1998784 Datasheet HTML 1Page - PHOENIX CONTACT 1998784 Datasheet HTML 2Page - PHOENIX CONTACT 1998784 Datasheet HTML 3Page - PHOENIX CONTACT 1998784 Datasheet HTML 4Page - PHOENIX CONTACT 1998784 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Mar 15, 2010
Extract from the online
catalog
 
PCV 6-16/ 2-G1-10,16
Order No.: 1998784
The figure shows a 5-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1998784
 
 
Header, Nominal current: 76 A, Nom. voltage: 1000 V, Pitch: 10.16
mm, Number of positions: 2, Color: green, Assembly: Soldering
 
Commercial data
EAN
4046356038287
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.009485 KG
Catalog page information
Page 422 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
05/18/2004
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
13.4 mm
Height
34 mm
Pitch
10.16 mm
Dimension a
10.16 mm
Number of positions
2


Similar Part No. - 1998784

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1998797 PHOENIX-1998797 Datasheet
150Kb / 5P
PCV 6-16/ 3-G1-10,16
More results

Similar Description - 1998784

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1998797 PHOENIX-1998797 Datasheet
150Kb / 5P
PCV 6-16/ 3-G1-10,16
1998807 PHOENIX-1998807 Datasheet
150Kb / 5P
PCV 6-16/ 4-G1-10,16
1998933 PHOENIX-1998933 Datasheet
121Kb / 4P
PC 6-16/ 2-G1-10,16
1998852 PHOENIX-1998852 Datasheet
150Kb / 5P
PCV 6-16/ 9-G1-10,16
1998823 PHOENIX-1998823 Datasheet
150Kb / 5P
PCV 6-16/ 6-G1-10,16
1998836 PHOENIX-1998836 Datasheet
150Kb / 5P
PCV 6-16/ 7-G1-10,16
1998849 PHOENIX-1998849 Datasheet
150Kb / 5P
PCV 6-16/ 8-G1-10,16
1998975 PHOENIX-1998975 Datasheet
121Kb / 4P
PC 6-16/ 6-G1-10,16
1998988 PHOENIX-1998988 Datasheet
121Kb / 4P
PC 6-16/ 7-G1-10,16
1922488 PHOENIX-1922488 Datasheet
242Kb / 8P
PCB header - PCV 6-16/ 2-G-10,16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com