Electronic Components Datasheet Search
  English  ▼

X  

8080590 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8080590
Description  Compact air cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8080590 Datasheet(HTML) 1 Page - Festo Corporation.

  8080590 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinder
ADN-S-10-10-A-A
Part number: 8080590
Data sheet
Feature
Value
Housing material
Anodized
Wrought aluminum alloy
Stroke
10 mm
Piston diameter
10 mm
Type code
ADN-S
Cushioning
No cushioning
Mounting position
Any
Mode of operation
Double-acting
Piston rod end
External thread
Design
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991216
Variants
Piston rod at one end
Operating pressure
1 bar ... 8 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
-10 °C ... 60 °C
Impact energy in the end positions
0.012 J
Theoretical force at 6 bar, retracting
30.2 N
Theoretical force at 6 bar, advancing
47 N
Moving mass
5.7 g
Product weight
19 g
Type of mounting
With through-hole
Pneumatic connection
M3
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy
Material of dynamic seals
NBR
TPE-U(PU)
Piston rod material
High-alloy stainless steel
6/25/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 8080590

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8080591 FESTO-8080591 Datasheet
93Kb / 1P
Compact air cylinder
8080592 FESTO-8080592 Datasheet
93Kb / 1P
Compact air cylinder
8080593 FESTO-8080593 Datasheet
92Kb / 1P
Compact air cylinder
8080594 FESTO-8080594 Datasheet
92Kb / 1P
Compact air cylinder
8080595 FESTO-8080595 Datasheet
90Kb / 1P
Compact air cylinder
More results

Similar Description - 8080590

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8076392 FESTO-8076392 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8076398 FESTO-8076398 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076400 FESTO-8076400 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076412 FESTO-8076412 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8091429 FESTO-8091429 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8091667 FESTO-8091667 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091668 FESTO-8091668 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091678 FESTO-8091678 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8076322 FESTO-8076322 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com