Electronic Components Datasheet Search
  English  ▼

X  

3040106 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3040106
Description  SC 2,5/ 2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3040106 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3040106 Datasheet HTML 1Page - PHOENIX CONTACT 3040106 Datasheet HTML 2Page - PHOENIX CONTACT 3040106 Datasheet HTML 3Page - PHOENIX CONTACT 3040106 Datasheet HTML 4Page - PHOENIX CONTACT 3040106 Datasheet HTML 5Page - PHOENIX CONTACT 3040106 Datasheet HTML 6Page - PHOENIX CONTACT 3040106 Datasheet HTML 7Page - PHOENIX CONTACT 3040106 Datasheet HTML 8Page - PHOENIX CONTACT 3040106 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC 2,5/ 2 Order No.: 3041312
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3041312
PHOENIX CONTACT Deutschland GmbH
Page 2 / 11
http://www.phoenixcontact.de
Feb 10, 2011
Dimensions
Width
10.4 mm
Length
37.2 mm
Height
18.8 mm
Technical data
Maximum load current
24 A (with 2.5 mm2 conductor cross section)
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 61984
Nominal current IN
24 A
Nominal voltage UN
500 V
Open side panel
ja
Number of positions
2
Connection data
Conductor cross section solid min.
0.08 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.08 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
28
Conductor cross section AWG/kcmil max
12
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
2.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
0.5 mm²
Type of connection
Spring-cage connection
Stripping length
10 mm
Internal cylindrical gage
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com