Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # R2000
Description  HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

R2000 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  R2000 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd R2000 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
R1500 - R4000
R1500 - R4000
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0.1
0.2
0.3
0.4
0
0
T , AMBIENT TEMPERATURE (ºC)
A
Fig. 1 Forward Current Derating Curve
0.6
0.5
50
100
150
200
V , INSTANTANEOUS FWD VOLTAGE (V)
Fi g.2 Typical Forward Characteristics
F
0.001
0.01
0.1
1.0
0.6
1.0
1.4
1.8
2.0
0
6
12
18
24
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Fwd Surge Current vs # of Cycles @ 60 Hz
8.3ms Single Half Sine-Wave
JEDEC Method
R1500-R2000
R3000-R4000
1.0
10
100
1.0
10
100
1000
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com