Electronic Components Datasheet Search
  English  ▼

X  

3045554 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3045554
Description  UPBV 2,5/ 1-M
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045554 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3045554 Datasheet HTML 1Page - PHOENIX CONTACT 3045554 Datasheet HTML 2Page - PHOENIX CONTACT 3045554 Datasheet HTML 3Page - PHOENIX CONTACT 3045554 Datasheet HTML 4Page - PHOENIX CONTACT 3045554 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UPBV 2,5/ 1-M Order No.: 3045347
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3045347
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Type of connection
Screw connection
Stripping length
9 mm
Internal cylindrical gage
A3
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Certificates / Approvals
Certification
CUL, UL
Accessories
Item
Designation
Description
Assembly
3040591
PSH 3- 6
Test plugs, Color: black
3040601
PSH 5-10
Test plugs, Color: black
3045567
UPR/ 2
Latching, Number of positions: 2, Color: orange
3045570
UPRZ
Latching, Number of positions: 2, Color: orange
3045554
UPZ/ 2
Strain relief, Number of positions: 2, Color: black
Bridges
3030161
FBS 2-5
Plug-in bridge, Number of positions: 2, Color: red
3030174
FBS 3-5
Plug-in bridge, Number of positions: 3, Color: red
3030187
FBS 4-5
Plug-in bridge, Number of positions: 4, Color: red
3030190
FBS 5-5
Plug-in bridge, Number of positions: 5, Color: red
3030213
FBS 10-5
Plug-in bridge, Number of positions: 10, Color: red
3030226
FBS 20-5
Plug-in bridge, Number of positions: 20, Color: red
3038930
FBS 50-5
Plug-in bridge, Number of positions: 50, Color: red
Covers
3060432
DF-UPBV 2,5/ 4
Cover flange, Length: 45.7 mm, Width: 4.5 mm, Height: 32 mm,
Color: gray



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com