Electronic Components Datasheet Search
  English  ▼

X  

3045554 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3045554
Description  UPBV 4/ 1-M
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045554 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3045554 Datasheet HTML 1Page - PHOENIX CONTACT 3045554 Datasheet HTML 2Page - PHOENIX CONTACT 3045554 Datasheet HTML 3Page - PHOENIX CONTACT 3045554 Datasheet HTML 4Page - PHOENIX CONTACT 3045554 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPBV 4/ 1-M Order No.: 3045745
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3045745
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Feb 25, 2011
0201676
MPS-IH RD
Insulating sleeve, Color: red
0201663
MPS-IH WH
Insulating sleeve, Color: white
0201744
MPS-MT
Test plugs
3030925
PAI-4
Test adapter, Color: gray
3030996
PS-6
Test adapter, Color: red
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Diagrams/Drawings
Diagram
The figure shows the derating curve of the UT 4/1P... terminal
block in connection with the UPVB 4 connector
Circuit diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com