Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005EH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG2005EH
Description  0.5 A very low VF MEGA Schottky barrier rectifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005EH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG2005EH Datasheet HTML 5Page - NXP Semiconductors PMEG2005EH Datasheet HTML 6Page - NXP Semiconductors PMEG2005EH Datasheet HTML 7Page - NXP Semiconductors PMEG2005EH Datasheet HTML 8Page - NXP Semiconductors PMEG2005EH Datasheet HTML 9Page - NXP Semiconductors PMEG2005EH Datasheet HTML 10Page - NXP Semiconductors PMEG2005EH Datasheet HTML 11Page - NXP Semiconductors PMEG2005EH Datasheet HTML 12Page - NXP Semiconductors PMEG2005EH Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9397 750 14515
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 12 April 2005
9 of 13
Philips Semiconductors
PMEGxx05EH/EJ series
0.5 A very low VF MEGA Schottky barrier rectifiers
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 15.
Fig 10. Package outline SOD123F
Fig 11. Package outline SOD323F (SC-90)
04-11-29
Dimensions in mm
1.2
1.0
0.25
0.10
3.6
3.4
2.7
2.5
0.55
0.35
0.70
0.55
1.7
1.5
1
2
04-09-13
Dimensions in mm
0.80
0.65
0.25
0.10
0.5
0.3
2.7
2.3
1.8
1.6
0.40
0.25
1.35
1.15
1
2
Table 9:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
10000
PMEG2005EH
SOD123F
4 mm pitch, 8 mm tape and reel
-115
-135
PMEG3005EH
PMEG4005EH
PMEG2005EJ
SOD323F
4 mm pitch, 8 mm tape and reel
-115
-135
PMEG3005EJ
PMEG4005EJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com