Electronic Components Datasheet Search
  English  ▼

X  

SI7439DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7439DP
Description  P-Channel 150-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7439DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7439DP Datasheet HTML 1Page - Vishay Siliconix SI7439DP Datasheet HTML 2Page - Vishay Siliconix SI7439DP Datasheet HTML 3Page - Vishay Siliconix SI7439DP Datasheet HTML 4Page - Vishay Siliconix SI7439DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7439DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73106
S-41526—Rev. A, 16-Aug-04
a.
Surface Mounted on 1” x 1” FR4 Board.
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−2.0
−4.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −150 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −150 V, VGS = 0 V, TJ = 70_C
−10
mA
On-State Drain Currenta
ID(on)
VDS = −10 V, VGS = −10 V
−30
A
Drain Source On State Resistancea
rDS( )
VGS = −10 V, ID = −5.2 A
0.073
0.090
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −6 V, ID = −5.0 A
0.077
0.095
W
Forward Transconductancea
gfs
VDS = −15 V, ID = −5.2 A
19
S
Diode Forward Voltagea
VSD
IS = −4.2 A, VGS = 0 V
−0.78
−1.2
V
Dynamicb
Total Gate Charge
Qg
88
135
Gate-Source Charge
Qgs
VDS = −75 V, VGS = −10 V, ID = −5.2 A
17.5
nC
Gate-Drain Charge
Qgd
26.5
Gate Resistance
Rg
1.5
3
4.5
W
Turn-On Delay Time
td(on)
25
40
Rise Time
tr
VDD = −75 V, RL = 15.5 W
46
70
Turn-Off Delay Time
td(off)
VDD = −75 V, RL = 15.5 W
ID ^ −4.8 A, VGEN = −10 V, Rg = 6 W
115
180
ns
Fall Time
tf
64
100
Source-Drain Reverse Recovery Time
trr
IF = −2.9 A, di/dt = 100 A/ms
100
150
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
0
5
10
15
20
25
30
35
40
0
2468
10
VGS = 10 thru 5 V
25_C
TC = 125_C
−55_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
4 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com