Electronic Components Datasheet Search
  English  ▼

X  

RC4560IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # RC4560IPW
Description  DUAL AUDIO OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4560IPW Datasheet(HTML) 3 Page - Texas Instruments

  RC4560IPW Datasheet HTML 1Page - Texas Instruments RC4560IPW Datasheet HTML 2Page - Texas Instruments RC4560IPW Datasheet HTML 3Page - Texas Instruments RC4560IPW Datasheet HTML 4Page - Texas Instruments RC4560IPW Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RC4560
DUAL AUDIO OPERATIONAL AMPLIFIER
SLOS457 − JANUARY 2005
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC +
Supply voltage
2
16
V
VCC −
Supply voltage
−2
−16
V
VID
Differential input voltage
±30
V
VICR
Input common mode range
−14
14
V
TA
Operating free-air temperature range
−40
85
°C
electrical characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
RS ≤ 10 kΩ
0.5
6
mV
IIO
Input offset current
5
200
nA
IIB
Input bias current
40
500
nA
AVD
Large-signal differential voltage amplification
RL ≥ 2 kΩ, VO = ±10 V
86
100
dB
ri
Input resistance
0.3
5
M
Ω
VO
Output voltage swing
RL ≥ 2 kΩ
±12
±14
V
VO
Output voltage swing
IO =25 mA
±10
±12.5
V
VICR
Common-mode input voltage range
±12
±14
V
CMRR
Common-mode rejection ratio
RS ≤ 10 kΩ
70
90
dB
kSVR† Supply-voltage rejection ratio
RS ≤ 10 kΩ
76.5
90
dB
ICC
Supply current (all amplifiers)
4.3
5.7
mA
† Measured with VCC± differentially varied simultaneously from ±4 V to ±15 V
operating characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
5.5
V/
µs
GBW
Gain bandwidth product
15
MHz
THD
Total harmonic distortion
VO = 5 V, RL = 2 kΩ, f = 1 kHz, AVD = 20 dB
0.05
%
Vn
Equivalent input noise voltage
RIAA, RS ≤ 2 kΩ, 30 kHz LPF
1.2
µVrms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com