Electronic Components Datasheet Search
  English  ▼

X  

ST2302MSRG Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # ST2302MSRG
Description  N-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ST2302MSRG Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  ST2302MSRG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ST2302MSRG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ST2302MSRG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ST2302MSRG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ST2302MSRG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ST2302MSRG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ST2302MSRG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd ST2302MSRG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd ST2302MSRG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 20 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
DC/DC Converters
•
Load Switch for Portable Applications
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
e
Qg (Typ.)
20
0.028 at VGS = 4.5 V
6a
8.8 nC
0.042 at VGS = 2.5 V
6a
0.050 at VGS = 1.8 V
5.6
G
S
D
Top View
2
3
SOT-23
1
Notes:
a. Package limited
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
e. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6a
A
TC = 70 °C
5.1
TA = 25 °C
5b, c
TA = 70 °C
4b, c
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.75
TA = 25 °C
1.04b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.1
W
TC = 70 °C
1.3
TA = 25 °C
1.25b, c
TA = 70 °C
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
80
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
60
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
ST2302MSRG
1


Similar Part No. - ST2302MSRG

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST2302MSRG STANSON-ST2302MSRG Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
More results

Similar Description - ST2302MSRG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com