Electronic Components Datasheet Search
  English  ▼

X  

FM5821 Datasheet(PDF) 1 Page - Formosa MS

Part # FM5821
Description  Chip Schottky Barrier Diodes - Silicon epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM5821 Datasheet(HTML) 1 Page - Formosa MS

  FM5821 Datasheet HTML 1Page - Formosa MS FM5821 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM5820-B THRU FM5822-B
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-214AA
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.00878 ounce, 0.293 gram
(V)
(V)
(V)
(V)
(oC)
FM5820
SK32
20
14
20
0.475
FM5821
SK33
30
21
30
0.500
FM5822
SK34
40
28
40
0.525
SYMBOLS
MARKING
CODE
-55 to +125
Storage
temperature
V
RRM
*1
V
RMS
*2
V
R
*3
V
F
*4
MAXIMUM RATINGS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
3.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
80
A
VR = VRRM TA =
25
o C
0.5
mA
VR = VRRM TA = 125
o C
20
mA
Thermal resistance
Junction to ambient
RqJA
55
o C / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
250
pF
Operating temperature
TSTG
-55
+150
o C
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Chip Schottky Barrier Diodes
Silicon epitaxial planer type
Formosa MS
0.213(5.4)
0.197(5.0)
0.016(0.4) Typ.
0.142(3.6)
0.126(3.2)
0.173(4.4)
0.157(4.0)
0.075(1.9)
0.067(1.7)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMB


Similar Part No. - FM5821

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM5821 RECTRON-FM5821 Datasheet
25Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM5821 FORMOSA-FM5821 Datasheet
67Kb / 2P
Silicon epitaxial planer type
FM5821 FORMOSA-FM5821 Datasheet
67Kb / 2P
Silicon epitaxial planer type
FM5821-AL FORMOSA-FM5821-AL Datasheet
69Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM5821-AL FORMOSA-FM5821-AL Datasheet
166Kb / 7P
Chip Schottky Barrier Rectifier
More results

Similar Description - FM5821

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM120-L FORMOSA-FM120-L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM120-S FORMOSA-FM120-S Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM150L FORMOSA-FM150L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM0206-L FORMOSA-FM0206-L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM320-AN FORMOSA-FM320-AN Datasheet
72Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM520-B FORMOSA-FM520-B Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM620-T FORMOSA-FM620-T Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM860-B FORMOSA-FM860-B Datasheet
78Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1520 FORMOSA-FM1520 Datasheet
70Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SK52-B FORMOSA-SK52-B Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com