Electronic Components Datasheet Search
  English  ▼

X  

AR0502P6 Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # AR0502P6
Description  2-Line Ultra Low Capacitance TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

AR0502P6 Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  AR0502P6 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. AR0502P6 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. AR0502P6 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. AR0502P6 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 3, May 2019
1 of 4
Description
The AR0502P6 is an uni-directional TVS diode array, uti-
lizing leading monolithic silicon technology to provide fast
response time and low ESD clamping voltage, making
this device an ideal solution for protecting voltage sensi-
tive high-speed data lines. The AR0502P6 has an ultra-
low capacitance with a typical value at 0.6pF, and com-
plies with the IEC 61000-4-2 (ESD) with ±25kV air and
±20kV contact discharge. It is assembled into an ultra-
small 1.6x1.0x0.75mm lead-free DFN package. The small
size, ultra-low capacitance and high ESD surge protec-
tion make AR0502P6 an ideal choice to protect cell
phone, digital video interfaces and other high speed
ports.
Features
•
Small package: 1.6x1.0x0.75mm
•
Ultra low capacitance: 0.6pF typical
•
Ultra low leakage: nA level
•
Operating voltage: 5V
•
Low clamping voltage
•
6-pin leadless package
•
Protects two lines
•
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
– IEC61000-4-5 (Lightning) 5A (8/20μs)
•
RoHS Compliant
AR0502P6
2-Line Ultra Low Capacitance TVS Diode
Part Number
Packaging
Reel Size
AR0502P6
3000/Tape & Reel
7 inch
0522P = Device Marking
Code
Dot denotes Pin1
Circuit Schematic
Dimensions and Pin Configuration
Mechanical Characteristics
•
Package: DFN1610-6
•
Case Material: “Green” Molding Compound.
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminal Connections: See Diagram Below
•
Marking Information: See Below
Applications
•
Cellular Handsets and Accessories
•
USB Ports
•
Video Interface
•
MDDI Ports
Marking Information
Ordering Information
NC
NC
I/O 1
Pin 1
Pin 2
3, 4
PIN Schematic


Similar Part No. - AR0502P6

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0502P1 APMICRO-AR0502P1 Datasheet
707Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
More results

Similar Description - AR0502P6

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8811 AOSMD-AOZ8811 Datasheet
338Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8811-03 AOSMD-AOZ8811-03 Datasheet
331Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
logo
Applied Power Microelec...
AR0502P1 APMICRO-AR0502P1 Datasheet
707Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502S1 APMICRO-AR0502S1 Datasheet
766Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
AR0502S2 APMICRO-AR0502S2 Datasheet
784Kb / 5P
2-Line Ultra Low Capacitance TVS Diode
AR0502S5 APMICRO-AR0502S5 Datasheet
798Kb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
AR0532P6 APMICRO-AR0532P6 Datasheet
718Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
logo
Shanghai Leiditech Elec...
ULC0542T LEIDITECH-ULC0542T Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
RCLAMP3382P LEIDITECH-RCLAMP3382P Datasheet
2Mb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
RCLAMP0522P LEIDITECH-RCLAMP0522P Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com