Electronic Components Datasheet Search
  English  ▼

X  

AR0502S2 Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # AR0502S2
Description  2-Line Ultra Low Capacitance TVS Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

AR0502S2 Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  AR0502S2 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. AR0502S2 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. AR0502S2 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. AR0502S2 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. AR0502S2 Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Revision, 12/2017
1 of 5
www.appliedpowermicro.com
Description
The AR0502S2 is an uni-directional TVS diode, utilizing
leading monolithic silicon technology to provide fast re-
sponse time and low ESD clamping voltage, making this
device an ideal solution for protecting voltage sensitive
high-speed data lines. The AR0502S2 has an ultra-low
capacitance with a typical value at 0.3pF, and complies
with the IEC 61000-4-2 (ESD) standard with ±25kV air
and ±20kV contact discharge. It is assembled into a lead-
free SOT-23 package. The small size, ultra-low capaci-
tance and high ESD surge protection make AR0502S2 an
ideal choice to protect cell phone, digital visual interfaces
and other high speed ports.
Features
Low capacitance: 0.3pF typical (I/O to I/O)
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Up to 2-line protects
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
– IEC61000-4-5 (Lightning) 5A (8/20μs)
RoHS Compliant
AR0502S2
2-Line Ultra Low Capacitance TVS Diode
Part Number
Packaging
Reel Size
AR0502S2
3000/Tape & Reel
7 inch
5M = Device Marking Code
Dimensions and Pin Configuration
Mechanical Characteristics
Package: SOT-23
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
Applications
Cellular Handsets and Accessories
Display Ports
MDDI Ports
USB 2.0 and 3.0 Ports
HDMI 1.3 and 1.4
Digital Visual Interface (DVI)
PCI Express and Serial SATA Ports
Notebook Computer
Marking Information
Ordering Information
5M
1
2
3
Pin Schematic


Similar Part No. - AR0502S2

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0502S1 APMICRO-AR0502S1 Datasheet
766Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
AR0502S5 APMICRO-AR0502S5 Datasheet
798Kb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
More results

Similar Description - AR0502S2

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8811 AOSMD-AOZ8811 Datasheet
338Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8811-03 AOSMD-AOZ8811-03 Datasheet
331Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
logo
Applied Power Microelec...
AR0502P1 APMICRO-AR0502P1 Datasheet
707Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502P6 APMICRO-AR0502P6 Datasheet
636Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502S1 APMICRO-AR0502S1 Datasheet
766Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
AR0502S5 APMICRO-AR0502S5 Datasheet
798Kb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
AR0532P6 APMICRO-AR0532P6 Datasheet
718Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
logo
Shanghai Leiditech Elec...
ULC0542T LEIDITECH-ULC0542T Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
RCLAMP3382P LEIDITECH-RCLAMP3382P Datasheet
2Mb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
RCLAMP0522P LEIDITECH-RCLAMP0522P Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com