Electronic Components Datasheet Search
  English  ▼

X  

LT3023EMSE Datasheet(PDF) 9 Page - Linear Technology

Part # LT3023EMSE
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023EMSE Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3023EMSE Datasheet HTML 5Page - Linear Technology LT3023EMSE Datasheet HTML 6Page - Linear Technology LT3023EMSE Datasheet HTML 7Page - Linear Technology LT3023EMSE Datasheet HTML 8Page - Linear Technology LT3023EMSE Datasheet HTML 9Page - Linear Technology LT3023EMSE Datasheet HTML 10Page - Linear Technology LT3023EMSE Datasheet HTML 11Page - Linear Technology LT3023EMSE Datasheet HTML 12Page - Linear Technology LT3023EMSE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT3023
3023f
APPLICATIO S I FOR ATIO
The LT3023 is a dual 100mA low dropout regulator with
micropower quiescent current and shutdown. The device
is capable of supplying 100mA per channel at a dropout
voltage of 300mV. Output voltage noise can be lowered to
20
µVRMS over a 10Hz to 100kHz bandwidth with the
addition of a 0.01
µF reference bypass capacitor. Addition-
ally, the reference bypass capacitor will improve transient
response of the regulator, lowering the settling time for
transient load conditions. The low operating quiescent
current (20
µA per channel) drops to less than 1µA in
shutdown. In addition to the low quiescent current, the
LT3023 regulator incorporates several protection features
which make it ideal for use in battery-powered systems.
The device is protected against both reverse input and
reverse output voltages. In battery backup applications
where the output can be held up by a backup battery when
the input is pulled to ground, the LT3023 acts like it has a
diode in series with its output and prevents reverse current
flow. Additionally, in dual supply applications where the
regulator load isreturned to a negative supply, the output
can be pulled below ground by as much as 20V and still
allow the device to start and operate.
Adjustable Operation
The LT3023 has an output voltage range of 1.22V to 20V.
The output voltage is set by the ratio of two external resis-
tors as shown in Figure 1. The device servos the output to
maintain the corresponding ADJ1/ADJ2 pin voltage at
1.22V referenced to ground. The current in R1 is then equal
to 1.22V/R1 and the current in R2 is the current in R1 plus
the ADJ1/ADJ2 pin bias current. The ADJ1/ADJ2 pin bias
current, 30nA at 25
°C,flowsthroughR2intotheADJ1/ADJ2
pin. The output voltage can be calculated using the formula
in Figure 1. The value of R1 should be no greater than 250k
to minimize errors in the output voltage caused by the ADJ1/
ADJ2 pin bias current. Note that in shutdown the output is
turned off and the divider current will be zero. Curves of
ADJ1/ADJ2 Pin Voltage vs Temperature and ADJ1/ADJ2 Pin
Bias Current vs Temperature appear in the Typical Perfor-
mance Characteristics.
The device is tested and specified with the ADJ1/ADJ2 pin
tied to the corresponding OUT1/OUT2 pin for an output
voltage of 1.22V. Specifications for output voltages greater
than 1.22V will be proportional to the ratio of the desired
output voltage to 1.22V: VOUT/1.22V. For example, load
regulation for an output current change of 1mA to 100mA
is –1mV typical at VOUT = 1.22V. At VOUT = 12V, load
regulation is:
(12V/1.22V)(–1mV) = – 9.8mV
Bypass Capacitance and Low Noise Performance
The LT3023 regulator may be used with the addition of a
bypass capacitor from VOUT to the corresponding BYP1/
BYP2 pin to lower output voltage noise. A good quality low
leakage capacitor is recommended. This capacitor will
bypass the reference of the regulator, providing a low fre-
quency noise pole. The noise pole provided by this bypass
capacitor will lower the output voltage noise to as low as
20
µVRMS with the addition of a 0.01µF bypass capacitor.
Using a bypass capacitor has the added benefit of improv-
ing transient response. With no bypass capacitor and a
10
µF output capacitor, a 10mA to 100mA load step will
settle to within 1% of its final value in less than 100
µs.With
the addition of a 0.01
µF bypass capacitor, the output will
stay within 1% for a 10mA to 100mA load step (see Tran-
sient Reponse in Typical Performance Characteristics sec-
tion). However, regulator start-up time is inversely pro-
portional to the size of the bypass capacitor, slowing to
15ms with a 0.01
µF bypass capacitor and 10µF output
capacitor.
IN
3023 F01
R2
LT3023
OUT1/OUT2
VIN
VOUT
ADJ1/ADJ2
GND
R1
+
VV
R
R
IR
VV
InA
OUT
ADJ
ADJ
ADJ
=+


+
()( )
=
=°
122
1
2
1
2
122
30
.
.
AT 25 C
OUTPUT RANGE = 1.22V TO 20V
Figure 1. Adjustable Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com