Electronic Components Datasheet Search
  English  ▼

X  

ZXMC6A09DN8TC Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # ZXMC6A09DN8TC
Description  N- and P-Channel 60-V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ZXMC6A09DN8TC Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  ZXMC6A09DN8TC Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
N-CHANNEL TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
2
4
6
8
10
12
14
16
18
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VGS = 10 thru 4 V
3 V
VDS - Drain-to-Source Voltage (V)
0.0
20
0.0
25
0.0
30
0.0
35
0.0
40
0.0
45
0.0
50
0.0
55
0.0
60
0
2
4
6
8
10
12
14
16
18
20
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
2
4
6
8
10
0
3
6
9
12
15
VDS = 30 V
ID = 4.3 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
- 55 °C
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25 °C
TC = 125 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
200
400
600
800
1000
0
102030
405060
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 4.3 A
TJ - Junction Temperature (°C)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
ZXMC6A09DN8TC
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com