Electronic Components Datasheet Search
  English  ▼

X  

188232 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 188232
Description  Short-stroke cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

188232 Datasheet(HTML) 1 Page - Festo Corporation.

  188232 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Short-stroke cylinder
ADVC-40-5-I-P-A
Part number: 188232
Data sheet
Feature
Value
Stroke
5 mm
Piston diameter
40 mm
Type code
ADVC
Based on norm
Hole pattern
ISO 6431
VDMA 24562
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Design
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991217
Operating pressure
1 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
-20 °C ... 80 °C
Theoretical force at 6 bar, retracting
686 N
Theoretical force at 6 bar, advancing
754 N
Moving mass
66 g
Product weight
460 g
Type of mounting
Optionally:
With through-hole
With accessories
Pneumatic connection
G1/8
Note on materials
Free of copper and PTFE
Cover material
Wrought aluminum alloy
Anodized
Seals material
TPE-U(PU)
Housing material
Wrought aluminum alloy
Anodized
Piston rod material
High-alloy steel
6/29/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 188232

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
188230 FESTO-188230 Datasheet
94Kb / 1P
Short-stroke cylinder
188231 FESTO-188231 Datasheet
97Kb / 1P
Short-stroke cylinder
188233 FESTO-188233 Datasheet
92Kb / 1P
Short-stroke cylinder
logo
PHOENIX CONTACT
1882337 PHOENIX-1882337 Datasheet
59Kb / 4P
Printed-circuit board connector - MC 1,5/ 6-ST-5,08 BD:70-75
logo
Festo Corporation.
188234 FESTO-188234 Datasheet
93Kb / 1P
Short-stroke cylinder
More results

Similar Description - 188232

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ADVC-10-5-P-A FESTO-ADVC-10-5-P-A Datasheet
94Kb / 1P
Short-stroke cylinder
ADVC-10-10-P-A FESTO-ADVC-10-10-P-A Datasheet
93Kb / 1P
Short-stroke cylinder
ADVC-12-5-A-P-A FESTO-ADVC-12-5-A-P-A Datasheet
93Kb / 1P
Short-stroke cylinder
ADVC-12-5-P FESTO-ADVC-12-5-P Datasheet
89Kb / 1P
Short-stroke cylinder
ADVC-12-5-P-A FESTO-ADVC-12-5-P-A Datasheet
92Kb / 1P
Short-stroke cylinder
ADVC-12-10-A-P-A FESTO-ADVC-12-10-A-P-A Datasheet
93Kb / 1P
Short-stroke cylinder
ADVC-16-10-A-P-A FESTO-ADVC-16-10-A-P-A Datasheet
91Kb / 1P
Short-stroke cylinder
ADVC-16-15-I-P-A FESTO-ADVC-16-15-I-P-A Datasheet
90Kb / 1P
Short-stroke cylinder
ADVC-16-25-I-P-A FESTO-ADVC-16-25-I-P-A Datasheet
91Kb / 1P
Short-stroke cylinder
ADVC-100-10-I-P FESTO-ADVC-100-10-I-P Datasheet
86Kb / 1P
Short-stroke cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com