Electronic Components Datasheet Search
  English  ▼

X  

MCL4448 Datasheet(PDF) 1 Page - Formosa MS

Part # MCL4448
Description  Switching Diode - Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MCL4448 Datasheet(HTML) 1 Page - Formosa MS

  MCL4448 Datasheet HTML 1Page - Formosa MS MCL4448 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diode
MCL4448
Silicon epitaxial planar type
Features
Low power loss, high efficiency
High reliability
High speed ( trr < 4 ns )
Mechanical data
Case : Glass, Micro-MELF
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Mounting Position : Any
Weight : 0.05 gram
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Non-Repetitive peak reverse voltage
VRM
100
V
Reverse voltage
VR
75
V
Peak forward surge current
tp= 1 us
IFSM
0.5
A
Repetitive peak forward voltage
IFRM
500
mA
Forward current
IF
300
mA
Average forward current
VR = 0
IFAV
150
mA
Power dissipation
PV
500
mW
Junction temperature
Tj
125
oC
Storage temperature
TSTG
-55
+125
oC
Formosa MS
ELECTRICAL CHARACTERISTICS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
IF = 5mA
VF
0.62
0.72
V
IF = 10mA
VF
0.86
1.00
V
VR = 20V
IR
25
nA
VR = 20V , Tj = 150
oC
IR
50
uA
VR = 75V
IR
5.0
uA
Breakdown current
IR = 100uA , TP/T = 0.01 TP = 0.3ms
V(BR)
100
V
Diode capacitance
VR = 0 , f = 1MHz , VHF = 50mV
CD
4.0
pF
Rectification efficiency
VHF = 2V , f = 100MHz
nR
45
%
IF = IR = 10mA , IRR = 1mA
trr
8
ns
Reverse recovery time
IF =10mA, VR =6V, IRR = 0.1 X IR, RL=100OHM
trr
4
ns
Forward voltage
Reverse current
Dimensionsininchesand(millimeters)
Micro-MELF
.049(1.25)
.047(1.20)
.079(2.00)
.071(1.80)
.008(.20)
SOLDERABLE
ENDS


Similar Part No. - MCL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4448 VISHAY-MCL4448 Datasheet
59Kb / 5P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
MCL4448 DIOTEC-MCL4448 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
logo
Weitron Technology
MCL4448 WEITRON-MCL4448 Datasheet
331Kb / 3P
High-Speed Switching Diodes
logo
Diotec Semiconductor
MCL4448 DIOTEC-MCL4448 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
logo
Vishay Siliconix
MCL4448 VISHAY-MCL4448 Datasheet
134Kb / 6P
Small Signal Fast Switching Diodes
07-Mar-06
More results

Similar Description - MCL4448

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1N914 FORMOSA-1N914 Datasheet
71Kb / 2P
Switching Diode - Silicon epitaxial planar type
BAS16 FORMOSA-BAS16 Datasheet
71Kb / 2P
Switching Diode - Silicon epitaxial planar type
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com