Electronic Components Datasheet Search
  English  ▼

X  

BGL26025LU Datasheet(PDF) 3 Page - Schneider Electric

Part # BGL26025LU
Description  Circuit breaker, PowerPact B, 25A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGL26025LU Datasheet(HTML) 3 Page - Schneider Electric

  BGL26025LU Datasheet HTML 1Page - Schneider Electric BGL26025LU Datasheet HTML 2Page - Schneider Electric BGL26025LU Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packing Units
Package 1 Height
2.40 in (6.096 cm)
Package 1 width
4.70 in (11.938 cm)
Package 1 Length
8.10 in (20.574 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Halogen content performance
Halogen free product
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com