Electronic Components Datasheet Search
  English  ▼

X  

MM3Z20VT1 Datasheet(PDF) 3 Page - Formosa MS

Part # MM3Z20VT1
Description  Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM3Z20VT1 Datasheet(HTML) 3 Page - Formosa MS

  MM3Z20VT1 Datasheet HTML 1Page - Formosa MS MM3Z20VT1 Datasheet HTML 2Page - Formosa MS MM3Z20VT1 Datasheet HTML 3Page - Formosa MS MM3Z20VT1 Datasheet HTML 4Page - Formosa MS MM3Z20VT1 Datasheet HTML 5Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E L E C T R IC A L C HA R A C T E R IS T IC S(TA = 25 C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Zener Voltage (Note )
Zener Impedance
L eakage C urrent
V Z
C
Device
V Z (Volts )
@ ZT
ZZT
@ ZT
ZZK @ I
ZK
IR @ VR
V Z
(mV /k)
@ ZT
C
@ V R =0
f=1MHz
Device
Device
Marking
Min
Nom
Max
mA
mA
uA
Volts
Min
Max
pF
MM3Z2V 4T 1
00
2.2
2.4
2.6
5
100
1000
0.5
50
1.0
±3.5
0
450
MM3Z2V 7T 1
01
2.5
2.7
2.9
5
100
1000
0.5
20
1.0
±3.5
0
450
MM3Z3V 0T 1
02
2.8
3.0
3.2
5
100
1000
0.5
10
1.0
±3.5
0
450
MM3Z3V 3T 1
05
3.1
3.3
3.5
5
95
1000
0.5
5
1.0
±3.5
0
450
MM3Z3V 6T 1
06
3.4
3.6
3.8
5
90
1000
0.5
5
1.0
±3.5
0
450
MM3Z3V 9T 1
07
3.7
3.9
4.1
5
90
1000
0.5
3
1.0
±3.5
±2.5
450
MM3Z4V 3T 1
08
4.0
4.3
4.6
5
90
1000
0.5
3
1.0
±3.5
0
450
MM3Z4V 7T 1
09
4.4
4.7
5.0
5
80
800
0.5
3
2.0
±3.5
0.2
260
MM3Z5V 1T 1
0A
4.8
5.1
5.4
5
60
500
0.5
2
2.0
±2.7
1.2
225
MM3Z5V 6T 1
0C
5.2
5.6
6.0
5
40
200
0.5
1
2.0
±2.0
2.5
200
MM3Z6V 2T 1
0E
5.8
6.2
6.6
5
10
100
0.5
3
4.0
0.4
3.7
185
MM3Z6V 8T 1
0F
6.4
6.8
7.2
5
15
160
0.5
2
4.0
1.2
4.5
155
MM3Z7V 5T 1
0G
7.0
7.5
7.9
5
15
160
0.5
1
5.0
2.5
5.3
140
MM3Z8V 2T 1
0H
7.7
8.2
8.7
5
15
160
0.5
0.7
5.0
3.2
6.2
135
MM3Z9V 1T 1
0K
8.5
9.1
9.6
5
15
160
0.5
0.2
7.0
3.8
7.0
130
MM3Z10V T 1
0L
9.4
10
10.6
5
20
160
0.5
0.1
8.0
4.5
8.0
130
MM3Z11V T 1
0M
10.4
11
11.6
5
20
160
0.5
0.1
8.0
5.4
9.0
130
MM3Z12V T 1
0N
11.4
12
12.7
5
25
80
0.5
0.1
8.0
6.0
10
130
MM3Z13V T 1
0P
12.4
13.25
14.1
5
30
80
0.5
0.1
8.0
7.0
11
120
MM3Z15V T 1
0T
14.3
15
15.8
5
30
80
0.5
0.05
10.5
9.2
13
110
MM3Z16V T 1
0U
15.3
16.2
17.1
5
40
80
0.5
0.05
11.2
10.4
14
105
MM3Z18V T 1
0W
16.8
18
19.1
5
45
80
0.5
0.05
12.6
12.4
16
100
MM3Z20V T 1
0Z
18.8
20
21.2
5
55
100
0.5
0.05
14.0
14.4
18
85
MM3Z22V T 1
10
20.8
22
23.3
5
55
100
0.5
0.05
15.4
16.4
20
85
MM3Z24V T 1
11
22.8
24.2
25.6
5
70
120
0.5
0.05
16.8
18.4
22
80
MM3Z27V T 1
12
25.1
27
28.9
2
80
300
0.5
0.05
18.9
21.4
25.3
70
MM3Z30V T 1
14
28
30
32
2
80
300
0.5
0.05
21.0
24.4
29.4
70
MM3Z33V T 1
18
31
33
35
2
80
300
0.5
0.05
23.2
27.4
33.4
70
MM3Z36V T 1
19
34
36
38
2
90
500
0.5
0.05
25.2
30.4
37.4
70
MM3Z39V T 1
20
37
39
41
2
130
500
0.5
0.05
27.3
33.4
41.2
45
MM3Z43V T 1
21
40
43
46
2
150
500
0.5
0.05
30.1
37.6
46.6
40
MM3Z47V T 1
1A
44
47
50
2
170
500
0.5
0.05
32.9
42.0
51.8
40
MM3Z51V T 1
1C
48
51
54
2
180
500
0.5
0.05
35.7
46.6
57.2
40
MM3Z56V T 1
1D
52
56
60
2
200
500
0.5
0.05
39.2
52.2
63.8
40
MM3Z62V T 1
1E
58
62
66
2
215
500
0.5
0.05
43.4
58.8
71.6
35
MM3Z68V T 1
1F
64
68
72
2
240
500
0.5
0.05
47.6
65.6
79.8
35
MM3Z75V T 1
1G
70
75
79
2
255
500
0.5
0.05
52.5
73.4
88.6
35
Note: Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25 C .
Ω
Ω
Θ
MM3Z Series
I
I
I
~ 3 ~
Formosa MS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com